Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1045-24 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3CA1045-24
Description  RF Cable Assemblies Technical Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1045-24 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3CA1045-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1045-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1045-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1045-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3CA1045-24 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3CA1045-24 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
TNC Male Right Angle
TNC Male Right Angle
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
500
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Hex Size
9/16 Inch
9/16 Inch
Body Material and Plating
Brass, Nickel
Brass, Nickel
.
Environmental Specifications
Temperature
Operating Range
-40 to +150 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
Values at 25°C, sea level.
PE3CA1045-24 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Right Angle to TNC Male Right Angle Cable 24 Inch Length Using PE-141FLEX
Coax, RoHS PE3CA1045-24
RF Cable Assemblies Technical Data Sheet
TNC Male Right Angle to TNC Male Right Angle Cable
24 Inch Length Using PE-141FLEX Coax, RoHS
PE3CA1045-24


Similar Part No. - PE3CA1045-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1045-12 PASTERNACK-PE3CA1045-12 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-36 PASTERNACK-PE3CA1045-36 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3CA1045-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com