Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1042-100CM Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3CA1042-100CM
Description  RF Cable Assemblies Technical Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1042-100CM Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3CA1042-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1042-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1042-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1042-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3CA1042-100CM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3CA1042-100CM Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female Bulkhead
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
500
Contact Material and Plating
Brass, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 Inch
Body Material and Plating
Stainless Steel, Gold
Stainless Steel, Gold
Seal Gasket Material
Silicon
.
Environmental Specifications
Temperature
Operating Range
-40 to +150 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
Values at 25°C, sea level.
PE3CA1042-100CM REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable 100 cm Length Using PE-086FLEX Coax, RoHS
PE3CA1042-100CM
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Female Bulkhead Cable 100 cm
Length Using PE-086FLEX Coax, RoHS
PE3CA1042-100CM


Similar Part No. - PE3CA1042-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1042-12 PASTERNACK-PE3CA1042-12 Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3CA1042-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com