Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4071BE Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4071BE
Description  CMOS OR GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4071BE Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4071BE Datasheet HTML 4Page - Texas Instruments CD4071BE Datasheet HTML 5Page - Texas Instruments CD4071BE Datasheet HTML 6Page - Texas Instruments CD4071BE Datasheet HTML 7Page - Texas Instruments CD4071BE Datasheet HTML 8Page - Texas Instruments CD4071BE Datasheet HTML 9Page - Texas Instruments CD4071BE Datasheet HTML 10Page - Texas Instruments CD4071BE Datasheet HTML 11Page - Texas Instruments CD4071BE Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4071BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4071BE TI-CD4071BE Datasheet
209Kb / 5P
[Old version datasheet]   CMOS OR GATES
CD4071BE TI1-CD4071BE Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
CD4071BEE4 TI1-CD4071BEE4 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
More results

Similar Description - CD4071BE

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
4071B RANDE-4071B Datasheet
344Kb / 2P
   CMOS OR GATES
logo
Texas Instruments
CD4071B TI-CD4071B Datasheet
209Kb / 5P
[Old version datasheet]   CMOS OR GATES
CD4071B TI1-CD4071B_15 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS OR Gates
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Panasonic Semiconductor
MN4030B PANASONIC-MN4030B Datasheet
122Kb / 2P
   CMOS LOGIC MN4030B SERIES, QUAD EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LV2GT32A RENESAS-HD74LV2GT32A_15 Datasheet
104Kb / 10P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
HD74LV2GT32A RENESAS-HD74LV2GT32A Datasheet
80Kb / 8P
   Dual 2-input OR Gates / CMOS Logic Level Shifter
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com