Electronic Components Datasheet Search |
|
SPS-93120MW-D52G Datasheet(PDF) 3 Page - Optoway Technology Inc |
|
SPS-93120MW-D52G Datasheet(HTML) 3 Page - Optoway Technology Inc |
3 / 6 page Optoway SPS-93120MW-DXXG *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com. http: // www.optoway.com 7/5/2017 V1.0 3 Absolute Maximum Ratings Parameter Symbol Min Max Units Notes Storage Temperature Tstg -40 85 oC Relative Humidity RH 5 85 % Non-condensing Operating Case Temperature Topr 0 70 oC Power Supply Voltage Vcc -0.5 3.6 V Recommended Operating Conditions Parameter Symbol Min Typ Max Units / Notes Power Supply Voltage Vcc 3.13 3.3 3.47 V Operating Case Temperature Topr 0 70 oC Relative Humidity RH 5 85 % / Non-condensing Power Supply Current ICC (TX+RX) 430 mA Data Rate 125 2488 2670 Mb/s Transmitter Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Optical Average Launch Power Po, AVG +4 --- +7 dBm 1 Center Wavelength Spacing 100 GHz 2 Transmitter Center Wavelength -- over life time c X-100 X X+100 pm 3 Output Spectrum Width --- 1 nm -20 dB width Side Mode Suppression Ratio SMSR 30 dB Extinction Ratio ER 8.2 --- --- dB Optical Rise Time tr 150 ps 20% to 80% Values Optical Fall Time tf 150 ps 20% to 80% Values Relative Intensity Noise RIN -120 dB/Hz Electrical Data Input Current -- Low IIL -350 μA Data Input Current -- High IIH 350 μA Differential Input Voltage VIH - VIL 0.5 2.4 V Peak-to-Peak TX Disable Input Voltage -- Low TDIS, L 0 0.5 V 4 TX Disable Input Voltage -- High TDIS, H 2.0 Vcc V 4 TX Disable Assert Time TASSERT 10 μs TX Disable Deassert Time TDEASSERT 1 ms TX Fault Output Voltage -- Low TFaultL 0 0.5 V 5 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 V 5 1. Output power is power coupled into a 9/125 m single-mode fiber. 2. Corresponds to approximately 0.8 nm. 3. X = specified ITU Grid wavelength 4. There is an internal 4.7K to 10K ohm pull-up resister to VccTX. 5. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Optical Sensitivity Sens -28 dBm 6 Maximum Input Power Pin -9 dBm 6 Signal Detect -- Asserted PA --- -28 dBm Transition: low to high Signal Detect -- Deasserted PD -40 --- --- dBm Transition: high to low Signal Detect – Hysteresis 1.0 --- dB Wavelength of Operation 1100 --- 1620 nm |
Similar Part No. - SPS-93120MW-D52G |
|
Similar Description - SPS-93120MW-D52G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |