Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE2320 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE2320
Description  Silicon NPN/PNP Transistor Quad, General Purpose Switch, Amp (Complementary Pair)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE2320 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, Note 1 unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Breakdown Voltage
V(BR)CEO
IC = 10mA, IB = 0, Note 2
30
V
Collector–Base Breakdown Voltage
V(BR)CBO
IC = 10µA, IE = 0
60
V
Emitter–Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
5
V
Collector Cutoff Current
ICBO
VCB = 50V, IE = 0
30
nA
Emitter Cutoff Current
IEBO
VEB = 3V, IC = 0
30
nA
ON Characteristics (Note 3)
DC Current Gain
hFE
VCE = 10V, IC = 1mA
50
VCE = 10V, IC = 10mA
75
VCE = 10V, IC = 150mA
100
VCE = 10V, IC = 300mA
20
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 150mA, IB = 15mA
0.4
V
IC = 300mA, IB = 30mA
01.4
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 150mA, IB = 15mA
1.3
V
IC = 300mA, IB = 30mA
2.0
V
Small–Signal Characteristics
Current Gain–Bandwidth Product
fT
VCE = 20V, IC = 50mA, f = 100MHz,
Note 3
200
350
MHz
Output Capacitance
NPN
Cobo
VCB = 10V, IE = 0, f = 1MHz
6.0
8.0
pF
PNP
4.5
8.0
pF
Input Capacitance
NPN
Cibo
VEB = 2V, IC = 0, f = 1MHz
20
30
pF
PNP
17
30
pF
Switching Characteristics
Turn–On Time
ton
VCC = 30V, VEB = 0.5V, IC = 150mA,
IB1 = 15mA
30
ns
Turn–Off Time
toff
VCC = 30V, IC = 150mA,
IB1 = IB2 = 15mA
225
ns
Note 1. Voltage and current are negative for PNP transistors.
Note 2. Second Breakdown occurs at power levels greater than 3 times the power dissipation rating.
Note 3. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn