Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9380RW-D20G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPS-9380RW-D20G
Description  3.2Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9380RW-D20G Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPS-9380RW-D20G Datasheet HTML 1Page - Optoway Technology Inc SPS-9380RW-D20G Datasheet HTML 2Page - Optoway Technology Inc SPS-9380RW-D20G Datasheet HTML 3Page - Optoway Technology Inc SPS-9380RW-D20G Datasheet HTML 4Page - Optoway Technology Inc SPS-9380RW-D20G Datasheet HTML 5Page - Optoway Technology Inc SPS-9380RW-D20G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Optoway
SPS-9380RW-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.
http: // www.optoway.com
7/5/2017 V1.0
4
Electrical
Differential Output Voltage
VOH – VOL
0.6
2.0
V
Output LOS Voltage -- Low
VOL
0
0.5
V
7
Output LOS Voltage -- High
VOH
2.0
Vcc+0.3
V
7
6.
Measured at PRBS 27-1 at BER 1E-12 @ 3.125Gb/s.
7.
Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage)
CONNECTION DIAGRAM
PIN
Signal Name
Description
PIN
Signal Name
Description
1
TX GND
Transmitter Ground
11
RX GND
Receiver Ground
2
TX Fault
Transmitter Fault Indication
12
RX DATA OUT- Inverse Receiver Data Out
3
TX Disable
Transmitter Disable (Module disables
on high or open)
13
RX DATA OUT+ Receiver Data Out
4
MOD-DFE2
Modulation Definition 2 – Two wires
serial ID Interface
14
RX GND
Receiver Ground
5
MOD-DEF1
Modulation Definition 1 – Two wires
serial ID Interface
15
Vcc RX
Receiver Power – 3.3V±5%
6
MOD-DEF0
Modulation Definition 0 – Ground in
Module
16
Vcc TX
Transmitter Power – 3.3V±5%
7
N/C
Not Connected
17
TX GND
Transmitter Ground
8
LOS
Loss of Signal
18
TX DATA IN+
Transmitter Data In
9
RX GND
Receiver Ground
19
TX DATA IN-
Inverse Transmitter Data In
10
RX GND
Receiver Ground
20
TX GND
Transmitter Ground
MODULE DEFINITION
Module Definition
MOD-DEF2
PIN 4
MOD-DEF1
PIN 5
MOD-DEF0
PIN 6
Interpretation by Host
4
SDA
SCL
LV-TTL Low
Serial module definition
protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SDA and SDL appear as no connector
(NC) and MOD-ABS is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire
serial CMOS E2PROM protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPS-9380RW-D20G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380RW-CXX0G OPTOWAY-SPS-9380RW-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RW-CXX0G OPTOWAY-SPS-9380RW-CXX0G Datasheet
158Kb / 5P
   3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RW-CXX0G OPTOWAY-SPS-9380RW-CXX0G_15 Datasheet
158Kb / 5P
   3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RW-CXX0G_2015 OPTOWAY-SPS-9380RW-CXX0G_2015 Datasheet
158Kb / 5P
   3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9380RW-D20G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380W-DXXG OPTOWAY-SPS-9380W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120RW-DXXG OPTOWAY-SPS-93120RW-DXXG Datasheet
263Kb / 6P
   3.2Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350RW-DXXG OPTOWAY-SPS-9350RW-DXXG Datasheet
259Kb / 6P
   3.2Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380MW-DXXG OPTOWAY-SPS-9380MW-DXXG Datasheet
265Kb / 6P
   2.67Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380W-DXXG OPTOWAY-SPS-8380W-DXXG Datasheet
264Kb / 6P
   4.25Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-D21G OPTOWAY-SPS-2381MW-D21G_11 Datasheet
202Kb / 7P
   80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93160W-DXXG OPTOWAY-SPS-93160W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 160km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120W-DXXG OPTOWAY-SPS-93120W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8350W-DXXG OPTOWAY-SPS-8350W-DXXG Datasheet
259Kb / 6P
   4.25Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350W-DXXG OPTOWAY-SPS-9350W-DXXG Datasheet
259Kb / 6P
   2.5Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com