Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9350RW-D22G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9350RW-D22G
Description  3.2Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9350RW-D22G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9350RW-D22G Datasheet HTML 1Page - Optoway Technology Inc SPS-9350RW-D22G Datasheet HTML 2Page - Optoway Technology Inc SPS-9350RW-D22G Datasheet HTML 3Page - Optoway Technology Inc SPS-9350RW-D22G Datasheet HTML 4Page - Optoway Technology Inc SPS-9350RW-D22G Datasheet HTML 5Page - Optoway Technology Inc SPS-9350RW-D22G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPS-9350RW-DXXG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.
http: // www.optoway.com
7/5/2017 V1.0
1
SPS-9350RW-DXXG
(RoHS Compliant)
3.2Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
 Hot-Pluggable SFP Footprint LC Optical Transceiver
 Small Form-Factor Pluggable (SFP) MSA compatible
 Distance up to 50km
 Temperature-stabilized DWDM DML Transmitter
 20 dB Power Budget at Least
 100 GHz ITU Grid, C Band
 SFF-8472 Digital Diagnostic Function
 AC/AC Coupling according to MSA
 Single +3.3 V Power Supply
 RoHS 6/6 Compliant
 0 to 70oC Operation
 Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
 10GBASE LX-4
 Serial ATA / ATA2
 SONET OC-48 / SDH STM-16
 SONET OC-12 / SDH STM-4
 SONET OC-3 / SDH STM-1
 Gigabit Ethernet / 1X/2X Fibre Channel
 CPRI option 4: 3072.0 Mbit/s
 CPRI option 3: 2457.6 Mbit/s
 CPRI option 2: 1228.8 Mbit/s
 CPRI option 1: 614.4 Mbit/s
 OBSAI 3072 MBaud
 OBSAI 1536 MBaud
 OBSAI 768 MBaud
DESCRIPTION
The SPS-9350RW-DXXG series single mode transceiver is
a small form factor pluggable module for bi-directional
serial optical data communications such as
s 10GBASE
LX-4, Serial ATA/ATA2, SONET OC-48 / SDH STM-16,
Gigabit Ethernet 1000BASE-XD, Fibre Channel FC-PI
200/100-SM-LL-V. It is with the SFP 20-pin connector to
allow hot plug capability. Digital diagnostic functions are
available via an I2C. This module is designed for single
mode fiber and operates at a nominal wavelength of
100GHz ITU Grid, C Band DWDM wavelength. A
guaranteed minimum optical link budget of 20 dB is offered.
The transmitter section uses temperature-stabilized DWDM
directly modulated laser (DML) and is class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.


Similar Part No. - SPS-9350RW-D22G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9350MW-D20G OPTOWAY-SPS-9350MW-D20G Datasheet
260Kb / 6P
   2.67Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350MW-D21G OPTOWAY-SPS-9350MW-D21G Datasheet
260Kb / 6P
   2.67Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350MW-D22G OPTOWAY-SPS-9350MW-D22G Datasheet
260Kb / 6P
   2.67Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350MW-D23G OPTOWAY-SPS-9350MW-D23G Datasheet
260Kb / 6P
   2.67Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350MW-D24G OPTOWAY-SPS-9350MW-D24G Datasheet
260Kb / 6P
   2.67Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9350RW-D22G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-8350W-DXXG OPTOWAY-SPS-8350W-DXXG Datasheet
259Kb / 6P
   4.25Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350W-DXXG OPTOWAY-SPS-9350W-DXXG Datasheet
259Kb / 6P
   2.5Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350MW-DXXG OPTOWAY-SPS-9350MW-DXXG Datasheet
260Kb / 6P
   2.67Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380RW-DXXG OPTOWAY-SPS-9380RW-DXXG Datasheet
264Kb / 6P
   3.2Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120RW-DXXG OPTOWAY-SPS-93120RW-DXXG Datasheet
263Kb / 6P
   3.2Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93160W-DXXG OPTOWAY-SPS-93160W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 160km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380W-DXXG OPTOWAY-SPS-9380W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120W-DXXG OPTOWAY-SPS-93120W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120MW-DXXG OPTOWAY-SPS-93120MW-DXXG Datasheet
264Kb / 6P
   2.67Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380MW-DXXG OPTOWAY-SPS-9380MW-DXXG Datasheet
265Kb / 6P
   2.67Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com