Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2345MW-D240G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2345MW-D240G
Description  40 km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2345MW-D240G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2345MW-D240G Datasheet HTML 1Page - Optoway Technology Inc SPS-2345MW-D240G Datasheet HTML 2Page - Optoway Technology Inc SPS-2345MW-D240G Datasheet HTML 3Page - Optoway Technology Inc SPS-2345MW-D240G Datasheet HTML 4Page - Optoway Technology Inc SPS-2345MW-D240G Datasheet HTML 5Page - Optoway Technology Inc SPS-2345MW-D240G Datasheet HTML 6Page - Optoway Technology Inc SPS-2345MW-D240G Datasheet HTML 7Page - Optoway Technology Inc SPS-2345MW-D240G Datasheet HTML 8Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Optoway
SPS-2345MW-DXXXG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com
http: // www.optoway.com
2017/9/15 V3.1
1
SPS-2345MW-DXXXG
(RoHS Compliant)
40 km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
Support 9.95 Gbps to 11.1 Gbps
Complaint to SFP+ MSA
Compliant to IEEE 802.3ae 10GBASE-ER
Compliant with OC-192 IR-2 / SDH STM S-64.2b
Maximum Link Length of 40 km
Temperature-stabilized DWDM EML Transmitter
15 dB Power Budget at Least
50 GHz ITU Grid, C Band
SFF-8472 Digital Diagnostic Function
AC/AC Coupling according to MSA
Single +3.3 V Power Supply
RoHS 6/6 Compliant
0 to 70
oC Operating
Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
SONET OC-192 IR-2
SDH STM S-64.2b
SONET OC-192 IR-3
SDH STM S-64.3b
ITU-T G.709
10GBASE-ER/EW
40 km 10G Fibre Channel
DESCRIPTION
The SPS-2345MW-DXXXG series single mode transceiver
is a small form factor pluggable module for bi-directional
serial optical data communications such as SONET OC-192
/ SDH STM-64, 10G Ethernet 10GBASE-ER/EW and 10G
Fibre Channel. It is with the SFP 20-pin connector to allow
hot plug capability. Digital diagnostic functions are
available via an I
2C. This module is designed for single
mode fiber and operates at a nominal wavelength of 50GHz
ITU Grid, C Band DWDM wavelength. A guaranteed
minimum optical link budget of 15 dB is offered. The
transmitter section uses temperature-stabilized DWDM
electrical-modulated laser (EML) and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.


Similar Part No. - SPS-2345MW-D240G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2345MW OPTOWAY-SPS-2345MW_15 Datasheet
207Kb / 8P
   10GMultirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2345MW_2015 OPTOWAY-SPS-2345MW_2015 Datasheet
207Kb / 8P
   10GMultirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2345MW-D240G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2345W-DXXXG OPTOWAY-SPS-2345W-DXXXG Datasheet
261Kb / 8P
   10.3 Gbps / 40 km / 50GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW-D200G OPTOWAY-SPS-2385MW-D200G_12 Datasheet
207Kb / 8P
   80km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-D21G OPTOWAY-SPS-2381MW-D21G_11 Datasheet
202Kb / 7P
   80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-DXXG OPTOWAY-SPS-4341W-DXXG Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG Datasheet
200Kb / 7P
   10.3 Gbps / 40 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW_2015 OPTOWAY-SPS-2385MW_2015 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG_2015 OPTOWAY-SPS-2341MW-DXXG_2015 Datasheet
201Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com