Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2310AW-C410G Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-2310AW-C410G
Description  3.3V / CWDM / 10.3 Gbps / Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2310AW-C410G Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-2310AW-C410G Datasheet HTML 1Page - Optoway Technology Inc SPS-2310AW-C410G Datasheet HTML 2Page - Optoway Technology Inc SPS-2310AW-C410G Datasheet HTML 3Page - Optoway Technology Inc SPS-2310AW-C410G Datasheet HTML 4Page - Optoway Technology Inc SPS-2310AW-C410G Datasheet HTML 5Page - Optoway Technology Inc SPS-2310AW-C410G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optoway
SPS-2310AW-CXX0G
****************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com
http: // www.optoway.com
6/1/2017 V1.0
5
PACKAGE DIAGRAM
Units in mm
For SPS-2310AW-CXX0G, XX=27 to 57
For SPS-2310AW-CXX0G, XX=59 to 61
Note:
Specifications subject to change without notice.


Similar Part No. - SPS-2310AW-C410G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2310-CXX0G OPTOWAY-SPS-2310-CXX0G Datasheet
172Kb / 5P
   3.3V / CWDM/ 10.3 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100BWG OPTOWAY-SPS-23100BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2310AW-C410G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2310W-CXX0G OPTOWAY-SPS-2310W-CXX0G Datasheet
172Kb / 5P
   3.3V / CWDM/ 10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2340W-CXX0G OPTOWAY-SPS-2340W-CXX0G Datasheet
169Kb / 5P
   3.3V / CWDM/ 10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2340W-CXX0G OPTOWAY-SPS-2340W-CXX0G_10 Datasheet
164Kb / 5P
   10.3 Gbps / CWDM / Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2340-CXX0G OPTOWAY-SPS-2340-CXX0G Datasheet
169Kb / 5P
   3.3V / CWDM/ 10.3 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-2310-CXX0G OPTOWAY-SPS-2310-CXX0G Datasheet
172Kb / 5P
   3.3V / CWDM/ 10.3 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2310W-CXX0G_2015 OPTOWAY-SPS-2310W-CXX0G_2015 Datasheet
184Kb / 5P
   10.3 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8380W-CXX0G OPTOWAY-SPS-8380W-CXX0G Datasheet
148Kb / 4P
   3.3V / CWDM / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73120W-CXX0G OPTOWAY-SPS-73120W-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / 1.25 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com