Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2511AWG Datasheet(PDF) 10 Page - Optoway Technology Inc

Part # SPS-2511AWG
Description  25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2511AWG Datasheet(HTML) 10 Page - Optoway Technology Inc

Back Button SPS-2511AWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 5Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 6Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 7Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 8Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 9Page - Optoway Technology Inc SPS-2511AWG Datasheet HTML 10Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Optoway
SPS-2511WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com
http: // www.optoway.com
10/5/2016 V1.0
10
REVISION HISTORY
Version
Subject
Release Date
1.0
Preliminary datasheet
2016/10/5


Similar Part No. - SPS-2511AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2510WG OPTOWAY-SPS-2510WG Datasheet
911Kb / 9P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2511AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2510WG OPTOWAY-SPS-2510WG Datasheet
911Kb / 9P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2541WG OPTOWAY-SPS-2541WG Datasheet
910Kb / 9P
   25GE / 40 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2811WG OPTOWAY-SPS-2811WG Datasheet
912Kb / 10P
   32G FC / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2810WG OPTOWAY-SPS-2810WG Datasheet
911Kb / 9P
   32G FC / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2841WG OPTOWAY-SPS-2841WG Datasheet
910Kb / 9P
   32G FC / 40 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-6110BWG OPTOWAY-SPS-6110BWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110BWG OPTOWAY-SPS-2110BWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110WG OPTOWAY-SPS-2110WG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com