Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2541WG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPS-2541WG
Description  25GE / 40 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2541WG Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPS-2541WG Datasheet HTML 1Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 2Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 3Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 4Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 5Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 6Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 7Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 8Page - Optoway Technology Inc SPS-2541WG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Optoway
SPS-2541WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com
http: // www.optoway.com
5/25/2017 V1.1
4
RECOMMENDED CIRCUIT SCHEMATIC
0.1μF
22μF
0.1μF
22μF
VeeR
POST
Amp
LD
Driver
Z=50Ω
Z=50Ω
Z=50Ω
Z=50Ω
VeeT
4.7 μH
4.7 μH
TD-
TD+
VccT
VccR
RD -
RD +
100Ω
SFP+ module
SerDes
100Ω
LOS
RD -
RD +
TD-
TD+
0.1μF
Protocol
EEPROM
MODULE DETECT
SCL
SDA
LOSS OF SINGAL
Tx_DISABLE
Tx_FAULT
MOD_ABS
SCL
SDA
10 KΩ
10KΩ
10KΩ
10KΩ
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(10,11,14)
6
5
4
10KΩ
Vcc3.3V
Vcc3.3V
IC
IC
depending on SERDES
0.1μF
30KΩ
30KΩ
RS1
RS0
7
9
TXRateSelect
RXRateSelect
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - SPS-2541WG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS-250 ETC-SPS-250 Datasheet
563Kb / 8P
   High Voltage Rectifiers
logo
Optoway Technology Inc
SPS-2510WG OPTOWAY-SPS-2510WG Datasheet
911Kb / 9P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2511AWG OPTOWAY-SPS-2511AWG Datasheet
912Kb / 10P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2511BWG OPTOWAY-SPS-2511BWG Datasheet
912Kb / 10P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2511WG OPTOWAY-SPS-2511WG Datasheet
912Kb / 10P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2541WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2511WG OPTOWAY-SPS-2511WG Datasheet
912Kb / 10P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2510WG OPTOWAY-SPS-2510WG Datasheet
911Kb / 9P
   25GE / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2841WG OPTOWAY-SPS-2841WG Datasheet
910Kb / 9P
   32G FC / 40 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2811WG OPTOWAY-SPS-2811WG Datasheet
912Kb / 10P
   32G FC / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2810WG OPTOWAY-SPS-2810WG Datasheet
911Kb / 9P
   32G FC / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2140WG OPTOWAY-SPS-2140WG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140AWG OPTOWAY-SPS-2140AWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140BWG OPTOWAY-SPS-2140BWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110BWG OPTOWAY-SPS-6110BWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com