Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2102BWG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPS-2102BWG
Description  10 Gb/s / 2 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2102BWG Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPS-2102BWG Datasheet HTML 1Page - Optoway Technology Inc SPS-2102BWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2102BWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2102BWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2102BWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPS-2102WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com
http: // www.optoway.com
2017/12/14 V1.1
4
RECOMMENDED CIRCUIT SCHEMATIC
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Titl e
Nu mber
Rev i sio n
Size
B
Dat e:
1 1-Ju l-2 00 7
Sheet
o f
File:
D:\ WORK\s ch .d d b
Drawn By:
0.1μF
22 μF
0.1μF
22 μF
Vee R
POST
Am p
LD
Driver
Z=50Ω
Z=50Ω
Z=50Ω
Z=50Ω
Vee T
4 .7 μH
4 .7 μH
TD -
TD +
Vcc T
Vcc R
RD -
RD +
100Ω
SFP+ module
SerDes
100Ω
LOS
RD -
RD +
TD -
TD +
0.1μF
Protocol
EEPROM
MODULE DETECT
SCL
SDA
LOSS OF SINGAL
Tx_DISABLE
Tx_FAULT
MOD_ABS
SCL
SDA
10 KΩ
10 KΩ
10 KΩ
10 KΩ
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(10,11,14)
6
5
4
10 KΩ
Vcc 3.3V
Vcc 3.3V
IC
IC
de pending on SERDES
0.1μF
30KΩ
30KΩ
RS1
RS0
7
9
TX Rate Select
RX Rate Select
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - SPS-2102BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2110AG OPTOWAY-SPS-2110AG Datasheet
171Kb / 5P
   10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110AWG OPTOWAY-SPS-2110AWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110AWG OPTOWAY-SPS-2110AWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110AWG OPTOWAY-SPS-2110AWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110BG OPTOWAY-SPS-2110BG Datasheet
171Kb / 5P
   10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2102BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2110BWG OPTOWAY-SPS-2110BWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110WG OPTOWAY-SPS-2110WG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110AWG OPTOWAY-SPS-2110AWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4110WG OPTOWAY-SPS-4110WG_07 Datasheet
169Kb / 5P
   8.5 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120BWG OPTOWAY-SPS-2120BWG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120WG OPTOWAY-SPS-2120WG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140WG OPTOWAY-SPS-2140WG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2170WG OPTOWAY-SPS-2170WG Datasheet
168Kb / 5P
   10.3 Gb/s / 70 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4120WG OPTOWAY-SPS-4120WG_07 Datasheet
168Kb / 5P
   8.5 Gb/s / 20 km / 1310 nm Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2120AWG OPTOWAY-SPS-2120AWG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com