Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0625P1-2-040 Datasheet(PDF) 1 Page - Nuvotem Talema

Part No. 0625P1-2-040
Description  625VA Open Style, with Leads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

0625P1-2-040 Datasheet(HTML) 1 Page - Nuvotem Talema

  0625P1-2-040 Datasheet HTML 1Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
nuvotem
A Talema Group Company
Toroidal Transformer Data Sheet
625VA Open Style, with Leads.
230V Primary, Dual Secondaries
Nuvotem Talema, Units W-X, Gweedore Business Park, Derrybeg, Co. Donegal, Ireland, F92 AT8F
Tel:+353 7495 48666
Fax:+353 7495 48139
Email: info@nuvotem.com
www.nuvotem.com
High quality open style toroidal transformers with a single 230V/50-60Hz primary winding.
Twin secondary windings may be connected in series or parallel, or used independently
Nuvotem
Part Number
Full Load
Vsec [V]
Rated Current
per Sec [A]
No Load
Vsec [V]
DC Resistance
[Ohms] @ 25'C
DEKRA
Certificate
0625P1-2-040
2 x 40
7.813
2 x 42.31
2 x 0.1418
2161054.02
0625P1-2-045
2 x 45
6.944
2 x 47.38
2 x 0.1792
2161054.02
0625P1-2-050
2 x 50
6.250
2 x 52.44
2 x 0.1998
2161054.02
0625P1-2-055
2 x 55
5.682
2 x 57.96
2 x 0.2509
2161054.02
Primary Winding
Input Voltage Range : 207V–253V (230V +/- 10%) @ 50/60Hz
DC Resistance @ 25'C = Approx 1.7 Ohms
Losses
Iron Losses
2.95 Watts approx
Copper Losses 39.0 Watts approx
Temperature Class
Winding Wire (Primary & Secondary)
Class H (180'C)
Insulation between input and output
Class B (130'C)
Connection lead insulation
Class A (105'C)
Standards
Approved to UL506 & UL5085 : File E215495
Approved to EN61558 : DEKRA Certificate 2161054.02
Conforms to EN60065, VDE0550, BS415.
Physical Data
Approximate Dimensions
Diameter
136mm*
Height
68mm
* Measured away from leadout bulge; Allow extra 4mm at leads
.
Approximate Weight
4.30 Kg
Terminations
Primary
Solid copper conductors (extension of winding wire),
insulated over their entire length with
105°C PVC tubing.
Double-insulated over entire length with
105°C PVC tubing.
150mm Long, 10mm tinned ends.
Secondary
Solid copper conductors (extension of winding wire),
insulated over their entire length with 105°C PVC tubing.
150mm Long, 10mm tinned ends.
Mounting Hardware
Each transformer is supplied with a mounting kit, comprising:
Neoprene Insulating disc
2 pieces
Dished Steel Washer
1 piece
Primary 230V @ 50-60Hz
Secondary: 2 x Vsec @ 312.5VA Each
Suitable for Series/Parallel connection


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn