Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4400 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SP4400
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4400 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SP4400 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 8Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 9Page - SamHop Microelectronics Corp. SP4400 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.samhop.com.tw
6
Mar,19,2015
Ver 1.0
Square Wave Pulse Duration(sec)
Figure 14. Normalized Thermal Transient Impedance Curve
tp
IAS
Figure 13a.
Uncamped Inductive Test Circuit
Unclamped Inductive Waveforms
RG
IAS
0.01
tp
D.U.T
L
VDS
+
-
20V
VDD
Figure 13b.
V(BR)DSS
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
0.5
0.3
0.1
0.05
0.01
Single Pulse
0.02
P DM
1. R thJC (t)=r (t) * R JC
2. R JC=S ee Datas heet
3. T JM-T C =P DM*R JC (t)
4. Duty C ycle, D=t1/t2
th
th
th
t1
t2
SP4400
Die 1


Similar Part No. - SP4400

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
   Super high dense cell design for low RDS(ON).
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4403EU SIPEX-SP4403EU Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4403UEB SIPEX-SP4403UEB Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4405 SIPEX-SP4405 Datasheet
158Kb / 20P
   Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage
More results

Similar Description - SP4400

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com