Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54522P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M54522P
Description  8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54522P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54522P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54522P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54522P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54522P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug. 1999
Collector-emitter breakdown voltage
Input current
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
VO
VIL
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54522P/FP
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +40
400
–0.5 ~ +40
400
40
1.79(P)/1.10(FP)
–20 ~ +75
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
V
V
Parameter
0
8
4
0
40
0.5
Limits
min
typ
max
Symbol
Unit
0
0
400
200
30
mA
V
V
mA
V
µA
40
0.3
1000
1.15
0.95
0.85
1.5
8000
2.4
1.6
1.8
2.4
100
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
V
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
ns
ns
30
930
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
IC
VIH
Output voltage
“H” input voltage
“L” input voltage
IC ≤ 400mA
IC ≤ 200mA
Duty Cycle
P : no more than 30%
FP : no more than 20%
Duty Cycle
P : no more than 7%
FP : no more than 5%
Collector current
(Current per 1 cir-
cuit when 8 circuits
are coming on si-
multaneously)
V (BR) CEO
II
VF
IR
hFE
Collector-emitter saturation voltage
VCE (sat)
ICEO = 100
µA
VI = 8V, IC = 400mA
VI = 4V, IC = 200mA
VI = 17V
IF = 400mA
VR = 40V
VCE = 4V, IC = 300mA, Ta = 25
°C
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M54562P8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54563P8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54585P8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54587P8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M54530P7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M54531P7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M54581PS-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M54561P7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54525P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M54526P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn