Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP03AC220D05W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP03AC220D05W
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AC220D05W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP03AC220D05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AC220D05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AC220D05W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP03AC Series
page 2 of 3
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
Io=0.1…1.0 x Ionom Vi=Vi rated
±3
%
±5
%
Line regulation
Vimin”Vi”Vimax
±0.5
%
Load regulation
Io=0.1…1.0 x Ionom Vimin” Vi”Vimax
±1
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary
circuit of the load with at least 25%, the main circuit with
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin”Vi”Vimax
120
%
Switch frequency
Vimin”Vi”Vimax
60K
Hz
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
industrial-class
-40
+70
Maximum case temperature
industrial-class
+95
Storage temperature
Industry-class
-30
+105
Relative humidity
No condensation
25
90
RH(%
Temperature coefficient
±0.02
%/
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
Pin
Single Output
Dual Output
1
N
N
2
L
L
3
+V0
+V0
4
NP
COM
5
-V0
-V0
* Pin not fitted on single output variants
Units:mm
Tolerance:±0.2mm
z
Case temperature shall not exceed the maximum case temperature.
16.50
37.00
5
2
12.70
5.10
33.00
10.20 18.50
8.00
0.80
4
3
1
side view
Bottom view
TOPPOWER
RRRRRRRRRRRRRRRR
ERRR
EE
Typ.
ER
ERRR
ER
ER
W
W
WE
WEER
ER
70
RR
ER
WE
R
W
W
WE
WEER
ER
+95
WER
WE
R
W
W
W
-30
WE
WEEE
WE
W
WE
OW
OW
OW
OW
WE
WE
WE
OW
WE
OW
OW
OW
OW
W
W
OW
OW
OW
OW
W
W
O
POOOW
ONN
POW
O
POOOW
re.
TOPP
TT
PP16.5
PP
PP
PP
PP
PP
2
TOPP
TTTO
TT0.80TTTO
T
side view
side view
TO


Similar Part No. - TP03AC220D05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AC220D05W TOPPOWER-TP03AC220D05W Datasheet
192Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC220D05W TOPPOWER-TP03AC220D05W Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC220D05W TOPPOWER-TP03AC220D05W Datasheet
713Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC220D05W TOPPOWER-TP03AC220D05W Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC220D05W TOPPOWER-TP03AC220D05W Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AC220D05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S15LSW TOPPOWER-TP03AL220S15LSW Datasheet
828Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL Datasheet
238Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC_19 TOPPOWER-TP03AC_19_05 Datasheet
713Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com