Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1035-50CM Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3CA1035-50CM
Description  RF Cable Assemblies Technical Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1035-50CM Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3CA1035-50CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1035-50CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1035-50CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1035-50CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3CA1035-50CM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3CA1035-50CM Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
How to Order
Part Number Configuration:
PE3CA1035
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3CA1035-12 = 12 inches long cable
PE3CA1035-100cm = 100 cm long cable
SMA Male to SMA Male Cable 50 cm Length Using PE-141FLEX Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable 50 cm Length Using PE-141FLEX Coax, RoHS PE3CA1035-
50CM
URL:
http://www.pasternack.com/sma-male-sma-male-pe-141flex-cable-assembly-pe3ca1035-50cm-p.aspx
PE3CA1035-50CM REV 1.1
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Male Cable 50 cm Length
Using PE-141FLEX Coax, RoHS
PE3CA1035-50CM


Similar Part No. - PE3CA1035-50CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1035-100CM PASTERNACK-PE3CA1035-100CM Datasheet
462Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1035-12 PASTERNACK-PE3CA1035-12 Datasheet
462Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1035-24 PASTERNACK-PE3CA1035-24 Datasheet
462Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1035-36 PASTERNACK-PE3CA1035-36 Datasheet
462Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3CA1035-50CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com