Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BGY67A Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BGY67A
Description  200 MHz, 24 dB gain reverse amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BGY67A Datasheet(HTML) 5 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
9397 750 14755
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 14 March 2005
5 of 7
Philips Semiconductors
BGY67A
200 MHz, 24 dB gain reverse amplifier
7.
Revision history
Table 6:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
BGY67A_4
20050314
Product data sheet
-
9397 750 14755
BGY67A_3
Modifications:
The format of this data sheet has been redesigned to comply with the new presentation and
information standard of Philips Semiconductors.
BGY67A_3
20011018
Product specification
-
9397 750 08801
BGY67A_2
BGY67A_2
19970409
Product specification
-
9397 750 02104
BGY67A_1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn