Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE2318 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE2318
Description  Silicon NPN Transistor High Voltage, High Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE2318 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics (Note 1)
DC Current Gain
hFE
IC = 4.5A, VCE = 5V
2.25
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 4.5A, IB = 2A
1
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 4.5A, IB = 2A
1.3
V
Dynamic Characteristics
Current–Gain Bandwidth Product
fT
IC = 0.1A, VCE = 5V, f = 1MHz
7
MHz
Output Capacitance
Cob
VCB = 10V, IE = 0, f = 0.1MHz
125
pF
Switching Characteristics
Storage Time
ts
IC = 4.5A, IB = 1.8A,
µ
8.0
µs
Fall Time
tf
LB = 10µH
0.5
µs
Note 1. Pulse Test: Pulse Width = 5ms, Duty Cycle
≤ 10%.
NOTE: Dotted line indicates that
case may have square corners
BC
E
C
.156
(3.96)
Dia.
.600
(15.24)
.550
(13.97)
.430
(10.92)
.500
(12.7)
Min
.216 (5.45)
.055 (1.4)
.015 (0.39)
.173 (4.4)
.060 (1.52)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn