Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW3123-K2F-B Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LW3123-K2F-B
Description  General Specifications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LW3123-K2F-B Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  LW3123-K2F-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-K2F-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-K2F-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-K2F-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-K2F-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series LW
Power-Rated Snap-in Rockers
B59
B
www.nkkswitches.com
ROCKER CAPS, LAMP COVER & FILTER
AT420B
White Rocker
without Filters
or Lamp Covers
LAMP CODES & SPECIFICATIONS
Electrical specifications are determined at a basic temperature of 25°C. Lamp circuit is independent of switch operation.
For dimension drawing of lamps see Accessories & Hardware section.
For neon, if the source voltage is greater than rated voltage, a ballast resistor is required. The ballast resistor calculation and more
lamp detail are shown in the Supplement section. Neon not for use with green lamp cover or blue and green filters.
Incandescent & Neon Lamps for Solid & Design Caps
Voltage
V
6V AC
12V AC
18V AC
24V AC
28V AC
110V AC
Current
I
80mA
50mA
35mA
25mA
22mA
1.5mA
MSCP
.159
.215
.398
.215
.247
NA
Endurance
Hours
2,000 Average
15,000 Average
Ambient Temperature Range
–20°C ~ +50°C
–20°C ~ +50°C
Recommended Resistor for Neon: 33K ohms for 110V AC; 100K ohms for 220V AC
No Lamp Code 0 indicates that no lamp is used.
0
AT602N
Neon
T-112 Pilot Slide Base
F
H
E
N
K
AT602
Incandescent
L
1
AT420B
White Rocker
with Filters
2
AT420B
White Rocker
with Lamp Covers
3
AT420J
Clear Rocker
with Filters
4
Rocker Cap Material: Polycarbonate
Finish: Glossy
Indicate the lamp cover or filter color desired in both the up and down positions.
Red
C
Amber
D
Green
F
AT416 Lamp Cover
Material: Silicon Rubber
Material: Polycarbonate
AT421 Filter
White
B
Red
C
Amber
D
Yellow
E
Green
F
Blue
G
AT421
AT416
AT421
POLES & CIRCUITS
Rocker Position
( ) = Momentary
Connected Terminals
Throw & Power/Lamp Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Notes: Terminal numbers are not actually on
switch. Lamp circuit is isolated and
requires an external power source.
DP
LW3122
LW3123
LW3125
LW3128
LW3129
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN 2-1 5-4
DPDT
L1
L2
L3
L4
4
6
1
3
25
(COM)


Similar Part No. - LW3123-K2F-B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW311 SEOUL-LW311 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LW311 SEOUL-LW311 Datasheet
360Kb / 13P
   CYAN LAMP LED
LW311 SEOUL-LW311 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW311 SEOUL-LW311 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW311 SEOUL-LW311 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LW3123-K2F-B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com