Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501A-33K5L Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1501A-33K5L
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501A-33K5L Datasheet(HTML) 8 Page - Anachip Corp

Back Button AP1501A-33K5L Datasheet HTML 3Page - Anachip Corp AP1501A-33K5L Datasheet HTML 4Page - Anachip Corp AP1501A-33K5L Datasheet HTML 5Page - Anachip Corp AP1501A-33K5L Datasheet HTML 6Page - Anachip Corp AP1501A-33K5L Datasheet HTML 7Page - Anachip Corp AP1501A-33K5L Datasheet HTML 8Page - Anachip Corp AP1501A-33K5L Datasheet HTML 9Page - Anachip Corp AP1501A-33K5L Datasheet HTML 10Page - Anachip Corp AP1501A-33K5L Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.0.4 Feb 19, 2004
8/11
Function Description (Continued)
The
AP1501A
(TO-263
package)
junction
temperature rise above ambient temperature with a
2A load for various input and output voltages. This
data was taken with the circuit operating as a buck
switching regulator with all components mounted on
a PC board to simulate the junction temperature
under actual operating conditions. This curve can
be used for a quick check for the approximate
junction temperature for various conditions, but be
aware that there are many factors that can affect
the junction temperature.
When load currents
higher than 3A are used, double sided or multilayer
PC boards with large copper areas and/or airflow
might be needed, especially for high ambient
temperatures and high output voltages.
For the best thermal performance, wide copper
traces and generous amounts of printed circuit
board copper should be used in the board layout.
(Once exception to this is the output (switch) pin,
which should not have large areas of copper.)
Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding
air, and moving air lowers the thermal resistance
even further.
Package
thermal
resistance
and
junction
temperature rise numbers are all approximate, and
there are many factors that will affect these
numbers.
Some of these factors include board
size, shape, thickness, position, location, and even
board temperature. Other factors are, trace width,
total printed circuit copper area, copper thickness,
single or double-sided, multilayer board and the
amount of solder on the board. The effectiveness
of the PC board to dissipate heat also depends on
the size, quantity and spacing of other components
on the board, as well as whether the surrounding
air is still or moving. Furthermore, some of these
components such as the catch diode will add heat
to the PC board and the heat can vary as the input
voltage changes. For the inductor, depending on
the physical size, type of core material and the DC
resistance, it could either act as a heat sink taking
heat away from the board, or it could add heat to
the board.
Marking Information
(1) TO263-5L
AC
1501AXX
Output Type:
1501: ADJ
1501A33: 3.3V
1501A50: 5.0V
1501A12: 12V
Logo
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
YY WW X X
Xth week: 01~52
Blank: normal
L: Lead Free Package
(2) TO220-5L
AC
1501AXX
Output Type:
1501: ADJ
1501A33: 3.3V
1501A50: 5.0V
1501A12: 12V
Logo
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
YY WW X X
Xth week: 01~52
Blank: normal
L: Lead Free Package


Similar Part No. - AP1501A-33K5L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A-33K5L ANACHIP-AP1501A-33K5L Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A-33K5L-13 DIODES-AP1501A-33K5L-13 Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501A-33K5L-U DIODES-AP1501A-33K5L-U Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Anachip Corp
AP1501A-33K5LA ANACHIP-AP1501A-33K5LA Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501A-33K5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com