Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501AT5RL Datasheet(PDF) 10 Page - Anachip Corp

Part # AP1501AT5RL
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501AT5RL Datasheet(HTML) 10 Page - Anachip Corp

Back Button AP1501AT5RL Datasheet HTML 3Page - Anachip Corp AP1501AT5RL Datasheet HTML 4Page - Anachip Corp AP1501AT5RL Datasheet HTML 5Page - Anachip Corp AP1501AT5RL Datasheet HTML 6Page - Anachip Corp AP1501AT5RL Datasheet HTML 7Page - Anachip Corp AP1501AT5RL Datasheet HTML 8Page - Anachip Corp AP1501AT5RL Datasheet HTML 9Page - Anachip Corp AP1501AT5RL Datasheet HTML 10Page - Anachip Corp AP1501AT5RL Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.0.4 Feb 19, 2004
10/11
Package Information (Continued)
(2) Package Type: TO263-5L
A
C2
C
E
e
B
F
L1
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.46
4.85
0.160
0.176
0.191
B
0.66
0.84
1.02
0.026
0.033
0.040
C
0.36
0.50
0.64
0.014
0.020
0.025
C2
1.14
1.27
1.40
0.045
0.050
0.055
D
8.65
9.15
9.65
0.341
0.360
0.380
E
9.78
10.16
10.54
0.385
0.400
0.415
e
1.57
1.71
1.85
0.062
0.068
0.073
F
6.60
6.86
7.11
0.260
0.270
0.280
L
14.61
15.24
15.88
0.575
0.600
0.625
L1
2.29
2.54
2.79
0.090
0.100
0.110
L2
-
-
2.92
-
-
0.115


Similar Part No. - AP1501AT5RL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501A DIODES-AP1501A Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501A-12K5 ANACHIP-AP1501A-12K5 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-12K5A ANACHIP-AP1501A-12K5A Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501AT5RL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com