Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0402FP100 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-0402FP100
Description  Fast Acting Precision Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402FP100 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-0402FP100 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402FP100 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402FP100 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402FP100 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV. B 10/17
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SF-0402FPSeries-FastActingPrecisionSurfaceMountFuses
Average Time Current Curves
Minimum I2T V Clear Time Curves
Typical Part Marking
Represents total content. Layout may vary.
RATED CURRENT (A)
F = 0.50
K = 0.80
L = 1.00
M = 1.25
P = 1.50
N = 1.60
S = 2.00
T = 2.50
3 = 3.00
U = 3.15
W = 4.00
How to Order
SF - 0402 FP 050 - 2
SinglFuse™
Product Designator
SMD Footprint
1005 (EIA 0402) size
Fuse Blow Type
FP = Fast acting precision
Rated Current
050-400 (500 mA - 4.00 A)
Packaging Type
- 2 = Tape & Reel (10,000 pcs./reel)
1.50 A
1.60 A
1.25 A
1.00 A
0.80 A
0.50 A
2.00 A
2.50 A
3.00 A
3.15 A
4.00 A
100
0.1
1
10
0.01
0.001
0.001
0.01
0.1
1
CLEARING TIME (S)
100
0.1
1
10
0.01
.
.
0.001
0.1
1
10
CURRENT (A)
100
4.00 A
3.15 A
3.00 A
2.50 A
2.00 A
1.00 A
1.25 A
1.50 A
1.60 A
0.80 A
0.50 A


Similar Part No. - SF-0402FP100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402FP100F BOURNS-SF-0402FP100F Datasheet
528Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0402FP100F-2 BOURNS-SF-0402FP100F-2 Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
More results

Similar Description - SF-0402FP100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
   Fast Acting Precision Wire Core Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com