Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDDFN10-3304NA Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDDFN10-3304NA
Description  TVS/Steering Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN10-3304NA Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDDFN10-3304NA Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN10-3304NA Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN10-3304NA Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN10-3304NA Datasheet HTML 4Page - Bourns Electronic Solutions CDDFN10-3304NA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific disclaimers as set forth on the last page of this document, and at www.bourns.com/legal/disclaimer.pdf.
CDDFN10-3304NA-TVS/SteeringDiodeArray
Product Dimensions
This is a molded DFN10 package with lead free Nickel-Paladium-
Gold (Ni/Pd/Au) on the lead frame. It has a flammability rating of
UL 94V-0.
Recommended Footprint
How to Order
CD DFN10 - 33 04 NA
Common Diode
Chip Diode
Package
DFN10 = DFN-10 Package
Reverse Working Peak Voltage
33 = 3.3 VRWM (Volts)
Number of Lines
04 = 4 Data Lines
Suffix
NA = Low Capacitance
2.45 - 2.55
(0.096 - 0.100)
PIN 1
INDICATOR
PIN 1
2.45 - 2.55
(0.096 - 0.100)
2.10 - 2.20
(0.083 - 0.087)
1.85 - 1.95
(0.073 - 0.077)
0.50
(0.020)
0.2
(.008)
R
0.50 - 0.60
(0.020 - 0.024)
0.152
(0.006)
2.05
(.081)
1.26
(.050)
3.15
(.124)
1.85
(.073)
2.50
(.100)
0.50
(.020)
0.65
(.026)
0.30
(.012)
1.15 - 1.25
(0.045 - 0.049)
0.35 - 0.45
(0.014 - 0.018)
0.20 - 0.30
(0.008 - 0.012)
2.45 - 2.55
(0.096 - 0.100)
PIN 1
INDICATOR
PIN 1
2.45 - 2.55
(0.096 - 0.100)
2.10 - 2.20
(0.083 - 0.087)
1.85 - 1.95
(0.073 - 0.077)
0.50
(0.020)
0.2
(.008)
R
0.50 - 0.60
(0.020 - 0.024)
0.152
(0.006)
2.05
(.081)
1.26
(.050)
3.15
(.124)
1.85
(.073)
2.50
(.100)
0.50
(.020)
0.65
(.026)
0.30
(.012)
1.15 - 1.25
(0.045 - 0.049)
0.35 - 0.45
(0.014 - 0.018)
0.20 - 0.30
(0.008 - 0.012)
DIMENSIONS:
MM
(INCHES)
Pin Out
Typical Part Marking
Pin
Function
1
I/O
2
N.C.
3
I/O
4
N.C.
5
VDD
6
N.C.
7
I/O
8
N.C.
9
I/O
10
N.C.
CENTER
TAB
GROUND
1
CH1
2
NC
3
GND
(CENTER TAB)
TOP VIEW
CH3
4
NC
5
VDD
6NC
7
CH4
8NC
CH2
9
NC
10
334NA
LLLL
DEVICE CODE:
334NA = CDDFN10-3304NA
LOT
TRACEABILITY
CODE
Environmental Specifications
Moisture Sensitivity Level................................................................3
ESD Classification (HBM)............................................................. 3B


Similar Part No. - CDDFN10-3304NA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
More results

Similar Description - CDDFN10-3304NA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN-6-0504P BOURNS-CDDFN-6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
   Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
   Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com