Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1011-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3CA1011-6
Description  TECHNICAL DATA SHEET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1011-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3CA1011-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1011-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1011-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1011-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s UMCX 2.5 series ultra-miniature coaxial cable assemblies (also called 2.5mm UMCX) have a mated connection
height of only 2.5mm. They are constructed using a flexible micro-coax cable and are compatible with ultra-miniature products
from companies such as Hirose, IPEX, and other UMCX connector and cable manufactures. Our UMCX 2.5 plug connectors
are comparable in design to the Hirose U.FL series of connectors and the IPEX MHF series connectors. Pasternack also
provides three additional connector options for our between-series 0.81mm micro-coax jumper cables including UMCX 2.5,
WMCX 1.6 and HMCX32 1.2 low profile connectors with differing form factors and mated heights.
Our UMCX 2.5 between series cables can be ordered with Female Bulkhead versions of SMA, Reverse Polarity SMA and
Type N connectors as well as an SMA Male option. These cables provide a convenient connector interface for applications
that require and RF signal to be routed to an external RF component such as an antenna or to provide a test point for the RF
printed circuit board. Other coax cable options include 1.13mm, 1.37mm, RG178, and RG178-DS (double shielded). These
U.FL and MHF compatible UMCX 2.5 cable assemblies are available from stock in standard lengths, and custom lengths are
available upon request. Standard length UMCX 2.5 cables ship the same day they are ordered.
Features
1.2mm, 1.6mm, 2.1mm and 2.5mm mated assembly
height’s
Operate from DC to 6GHz
100% RF and Continuity tested
Compatible with Hirose U.FL and IPEX MHF products
Available in 0.81mm, 1.13mm, 1.37mm, RG178 and
RG178-DS shielded coax
Small foot print with easy snap on/off mating
Applications
Wireless LAN, Mini PCI
Mobile Antenna/GPS/Radio
Systems
PDA/PCS/Cellular Handset
applications
• Wireless Communications
systems (LAN,GSM,PCS,
WCDMA, UMTS)
Configuration
Connector 1
N Female Bulkhead
Connector 2
UMCX 2.5 Plug
Cable Type
RG178
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Max VSWR
1.35:1
Performance by Frequency
Frequency 1
Frequency
250 MHz
VSWR
1.35:1
Return Loss
16.54 dB
Insertion Loss
0.44 dB
Frequency 2
Frequency
500 MHz
VSWR
1.35:1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Female Bulkhead to UMCX 2.5 Plug Cable 6 Inch Length Using RG178 Coax, RoHS
PE3CA1011-6
PE3CA1011-6 REV 1.1
PE3CA1011-6
N Female Bulkhead to UMCX 2.5 Plug Cable
6 Inch Length Using RG178 Coax, RoHS


Similar Part No. - PE3CA1011-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1011-12 PASTERNACK-PE3CA1011-12 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1011-9 PASTERNACK-PE3CA1011-9 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1011-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com