Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5332U5 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5332U5
Description  CMOS LDO with Source-Sink & Output Selection Functions
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5332U5 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5332U5 Datasheet HTML 5Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 6Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 7Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 8Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 9Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 10Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 11Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 12Page - Anpec Electronics Coropration APL5332U5 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Oct., 2003
APL5332
www.anpec.com.tw
9
Application Information
Internal Parasitic Diode
Do not apply a voltage to VOUT when the voltage ap-
plied at VIN is not present. The reason is the internal
parasitic diodes from VOUT to VIN will conduct due to
the forward-voltage applied at VOUT.
Output Voltage Selection
The APL5332 allows operation in either fixed voltage
or adjustable mode. Connecting FB to VIN selects
fixed output voltage which is either 1.225V or 1.45V
by setting the BS pin to be logic “High” or “Low”. The
output voltage may also be adjusted by connecting a
resistor-divider from VOUT to FB to GND (See the
Typical Application Circuit). Selecting R2 in the 100
to 5k
Ω range ignors the voltage offset caused by the
internal pull-up current of FB. Calculate R1 with the
following equation:
R1 = R2 [(VOUT / VREF) - 1]
where VREF = 0.8V.
The output voltage selection table is :
Output Capacitor
The APL5332 requires a proper output capacitor to
maintain stability and improve transient response. The
output capacitor selection is dependent upon the ESR
(equivalent series resistance) and capacitance over
temperature and current ranges. The following chart
shows a stable region to select output capacitor for
APL5332. This region above the curve indicates mini-
mum required ESR and capacitance to maintain
stability. However, the output capacitor should have
an ESR less than1
Ω.
HL
H
1.225V
1.45V
L
Adjustable
Adjustable
FB
BS
Ultra-low-ESR capacitors, such as ceramic chip
capacitors, may promote unstable or under-damped
transient response, but proper ceramic chip capaci-
tors placed near loads can be used as decoupling
capacitors. A low-ESR solid tantalum and aluminum
electrolytic capacitor (ESR<1
Ω) works extremely well
and provides good transient response and stability over
temperature.
0
20
40
60
80
100
10
100
1000
Capacitance(
µF)
Stable Region
0
20
40
60
80
100
10
100
1000
Capacitance(
µF)
Stable Region
The output capacitors are also used to reduce the slew
rate of load current and help the APL5332 to minimize
variations of the output voltage, improving transient
response. For this purpose, the low-ESR capacitors
are recommended.
Input Capacitor
The VIN input capacitor is not required for stability but
for supplying surge currents during large load transients,
preventing the input rail from dropping and improving
performance of APL5332. The parasitic inductors from
the voltage sources or other bulk capacitors to the
VIN pins will limit the slew rate of the surge currents
during large load transients, resulting in voltage drop
at VIN pin.
An aluminum electrolytic capacitor (>47
µF) is recom-
mended for VIN pin, and It is not necessary to use
low-ESR capacitors.


Similar Part No. - APL5332U5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
More results

Similar Description - APL5332U5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Panasonic Semiconductor
2SC5021 PANASONIC-2SC5021 Datasheet
251Kb / 1P
   Transistors (Selection Guide by Applications and Functions)
2SD2331 PANASONIC-2SD2331 Datasheet
82Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
Panasonic Semiconductor
2SD2328 PANASONIC-2SD2328 Datasheet
105Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Analog Devices
MAX38913 AD-MAX38913_V01 Datasheet
1Mb / 20P
   4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com