Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1000-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3CA1000-12
Description  TECHNICAL DATA SHEET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1000-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3CA1000-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1000-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1000-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1000-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Return Loss
16.54 dB
Insertion Loss
0.78 dB
Frequency 3
Frequency
1000 MHz
VSWR
1.35:1
Return Loss
16.54 dB
Insertion Loss
1.25 dB
Frequency 4
Frequency
2.5 GHz
VSWR
1.35:1
Return Loss
16.54 dB
Insertion Loss
1.9 dB
Frequency 5
Frequency
6 GHz
VSWR
1.5:1
Return Loss
13.98 dB
Insertion Loss
2.89 dB
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
Length
12 in [304.8 mm]
.
Cable
Cable Type
0.81mm
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper, Silver
No of Shields
1
Cable Outer Conductor 1
Tinned Copper
Dielectric Type
FEP
Jacket Material
FEP
Jacket Diameter
0.032 in [0.81 mm]
Connector 1
Type
SMA Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
PE3CA1000-12 REV 1.1
PE3CA1000-12
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead to UMCX 2.5 Plug Cable 12 Inch Length Using 0.81mm Coax, RoHS
PE3CA1000-12
SMA Female Bulkhead to UMCX 2.5 Plug Cable
12 Inch Length Using 0.81mm Coax, RoHS


Similar Part No. - PE3CA1000-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1000-3 PASTERNACK-PE3CA1000-3 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1000-6 PASTERNACK-PE3CA1000-6 Datasheet
393Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1000-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com