Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN80P50RS Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AN80P50RS
Description  5-pin, low dropout voltage regulator with standby function (1 A type)
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN80P50RS Datasheet(HTML) 6 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AN80PxxRSP Series
6
SFF00010CEB
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VIN = 3.0 V, IOUT = 500 mA
1.940
2.0
2.060
V
Line regulation
REGIN
VIN = 3.0 V → 14.0 V, IOUT = 250 mA

20
mV
Load regulation
REGLOA VIN = 3.0 V, IOUT = 0 mA → 1 000 mA

40
mV
Peak output current
IPEAK
VIN = 3.0 V, The output current value 1 200

mA
when VOUT decreases by 5% from
its value at IOUT = 500 mA.
Bias current under no load
IBIAS
VIN = 3.0 V, IOUT = 0 mA
1.1
3.0
mA
Bias current fluctuation to input
∆I
BIAS(IN)
VIN = 3.0 V → 14.0 V, IOUT = 250 mA
−5
5mA
Bias current fluctuation to load
∆I
BIAS(LOA)
VIN = 3.0 V, IOUT = 0 mA → 1 000 mA

50
mA
Standby consumption current
ISTB
VIN = 14.0 V, VCONT = 0 V

3.0
µA
Bias current before starting regulation
IRUSH
VIN = 1.900 V, IOUT = 0 A

5mA
Control terminal current
ICONT
VIN = 3.0 V, IOUT = 500 mA

30
µA
VCONT = 1.8 V
Ripple rejection ratio 1
RR1
VIN = 4.0 V ± 1 V[p-p]
57.9

dB
f
= 120 Hz, I
OUT = 100 mA
Minimum input/
VDIF(min)1 VIN = 2.1 V, IOUT = 500 mA
0.30
0.60
V
output voltage difference 1
Minimum input/
VDIF(min)2 VIN = 2.2 V, IOUT = 1 000 mA

1.0
V
output voltage difference 2
Control terminal threshold high voltage
VCONTH
VIN = 3.0 V
1.45
1.80
V
Control terminal threshold low voltage
VCONTL
VIN = 3.0 V
0.50
0.70
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Ripple rejection ratio 2
RR2
VIN = 4.0 V ± 1 V[p-p], COUT = 33 +0.1 µF
30
dB
f
= 500 kHz, I
OUT = 100 mA
Output noise voltage
VNO
10 Hz
≤ f ≤ 100 kHz, I
OUT = 100 mA
40
µV[rms]
CNR
= 1 µF, V
IN = 3.0 V
Output voltage temperature
dVOUT
VIN = 3.0 V, IOUT = 5 mA
±40
 ppm/°C
coefficient
dTa
−30°C ≤ T
a ≤ +125°C
Output short-circuit current
IOSHORT
VIN = 14.0 V, VOUT = GND
2 000
mA
Overheat protection operating
TjTH
VIN = 3.0 V, IOUT = 5 mA
150
°C
temperature
I Electrical Characteristics at Ta = 25°C (continued)
• AN80P20RSP (2.0 V type)
Unless otherwise specially provided, shorten each test time (within 10 ms) so that the test is conducted under the condition that
the drift due to the temperature increase in the chip junction part can be neglected. CIN = 100 µF, CNR = Open, COUT = 0.1 µF
• Design reference data
Note) The following values are typical and not guaranteed values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn