Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM26LV31C Datasheet(PDF) 4 Page - Texas Instruments

Part No. AM26LV31C
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31C Datasheet(HTML) 4 Page - Texas Instruments

  AM26LV31C Datasheet HTML 1Page - Texas Instruments AM26LV31C Datasheet HTML 2Page - Texas Instruments AM26LV31C Datasheet HTML 3Page - Texas Instruments AM26LV31C Datasheet HTML 4Page - Texas Instruments AM26LV31C Datasheet HTML 5Page - Texas Instruments AM26LV31C Datasheet HTML 6Page - Texas Instruments AM26LV31C Datasheet HTML 7Page - Texas Instruments AM26LV31C Datasheet HTML 8Page - Texas Instruments AM26LV31C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
SR +
90% V
OH * VOL * 10% VOH * VOL
tr
, the differential slew rate of V
OD is 2
SR.
Switching Characteristics
AM26LV31C, AM26LV31I
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS201G – MAY 1995 – REVISED MAY 2005
V
CC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 2
4
8
12
ns
tPHL
Propagation delay time, high- to low-level output
4
8
12
ns
tt
Transition time (tr or tf)
3
ns
SR
Slew rate, single-ended output voltage
See Note (2) and Figure 2
0.3
1
V/ns
tPZH
Output-enable time to high level
See Figure 3
10
20
ns
tPZL
Output-enable time to low level
See Figure 4
10
20
ns
tPHZ
Output-disable time from high level
See Figure 3
10
20
ns
tPLZ
Output-disable time from low level
See Figure 4
10
20
ns
tsk(p)
Pulse skew
f = 32 MHz,
See Note (3)
0.5
1.5
ns
tsk(o)
Skew limit
f = 32 MHz
1.5
ns
tsk(lim)
Skew limit (device to device)
f = 32 MHz,
See Note (4)
3
ns
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Slew rate is defined by:
(3)
Pulse skew is defined as the |tPLH - tPHL| of each channel of the same device.
(4)
Skew limit (device to device) is the maximum difference in propagation delay times between any two channels of any two devices.
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn