Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5392BCP-5 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5392BCP-5
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BCP-5 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5392BCP-5 Datasheet HTML 22Page - Analog Devices AD5392BCP-5 Datasheet HTML 23Page - Analog Devices AD5392BCP-5 Datasheet HTML 24Page - Analog Devices AD5392BCP-5 Datasheet HTML 25Page - Analog Devices AD5392BCP-5 Datasheet HTML 26Page - Analog Devices AD5392BCP-5 Datasheet HTML 27Page - Analog Devices AD5392BCP-5 Datasheet HTML 28Page - Analog Devices AD5392BCP-5 Datasheet HTML 29Page - Analog Devices AD5392BCP-5 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 26 of 44
Standalone Mode
By connecting the daisy-chain enable (DCEN) pin low,
standalone mode is enabled. The serial interface works with
both a continuous and a noncontinuous serial clock. The first
falling edge of SYNC starts the write cycle and resets a counter
that counts the number of serial clocks to ensure that the
correct number of bits is shifted into the serial shift register.
Any further edges on SYNC except for a falling edge are
ignored until 24 bits are clocked in. Once 24 bits have been
shifted in, the SCLK is ignored. For another serial transfer to
take place, the counter must be reset by the falling edge of
SYNC.
Daisy-Chain Mode
For systems that contain several devices, the SDO pin can be
used to daisy-chain the devices together. This daisy-chain mode
can be useful in system diagnostics and for reducing the
number of serial interface lines.
By connecting the DCEN pin high, daisy-chain mode is
enabled. The first falling edge of SYNC starts the write cycle.
The SCLK is continuously applied to the input shift register
when SYNC is low. If more than 24 clock pulses are applied,
the data ripples out of the shift register and appears on the SDO
line. This data is clocked out on the rising edge of SCLK and is
valid on the falling edge. By connecting the SDO of the first
device to the DIN input on the next device in the chain, a
multidevice interface is constructed. For each device in the
system, 24 clock pulses are required. Therefore, the total
number of clock cycles must equal 24N where N is the total
number of AD539x devices in the chain.
When the serial transfer to all devices is complete, SYNC is
taken high. This latches the input data in each device in the
daisy chain and prevents any further data from being clocked
into the input shift register.
If SYNC is taken high before 24 clocks are clocked into the part,
it is considered a bad frame and the data is discarded.
The serial clock can be either a continuous or a gated clock. A
continuous SCLK source can be used only if the SYNC can be
held low for the correct number of clock cycles. In gated clock
mode, a burst clock containing the exact number of clock cycles
must be used and SYNC taken high after the final clock to latch
the data.
Readback Mode
Readback mode is invoked by setting the R/W bit = 1 in the
serial input register write sequence. With R/W = 1, Bits A3 to A0
in association with Bits REG1 and REG0 select the register to be
read. The remaining data bits in the write sequence are don’t
care bits. During the next SPI write, the data appearing on the
SDO output contains the data from the previously addressed
register. For a read of a single register, the NOP command can
be used in clocking out the data from the selected register on
SDO.
The readback diagram in Figure 32 shows the readback
sequence. For example, to read back the m register of Channel 0
on the AD539x, the following sequence should be implemented.
First, write 0x404XXX to the AD539x input register. This
configures the AD539x for read mode with the m register of
Channel 0 selected. Note that all Data Bits DB13 to DB0 are
don’t care bits. Follow this with a second write, a NOP
condition, and 0x000000. During this write, the data from the m
register is clocked out on the DOUT line—that is, data clocked
out contains the data from the m register in Bits DB13 to DB0,
and the top 10 bits contain the address information as
previously written. In readback mode, the SYNC signal must
frame the data. Data is clocked out on the rising edge of SCLK
and is valid on the falling edge of the SCLK signal. If the SCLK
idles high between the write and read operations of a readback,
then the first bit of data is clocked out on the falling edge of
SYNC.
24
48
SCLK
SYNC
DIN
SDO
UNDEFINED
SELECTED REGISTER DATA CLOCKED OUT
NOP CONDITION
INPUT WORD SPECIFIES REGISTER TO BE READ
DB23
DB0
DB0
DB23
DB23
DB0
DB0
DB23
Figure 32. AD539x Readback Operation


Similar Part No. - AD5392BCP-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BCP-5 AD-AD5392BCP-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BCP-5 AD-AD5392BCP-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5392BCP-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com