Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5392BCP-5 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5392BCP-5
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BCP-5 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5392BCP-5 Datasheet HTML 6Page - Analog Devices AD5392BCP-5 Datasheet HTML 7Page - Analog Devices AD5392BCP-5 Datasheet HTML 8Page - Analog Devices AD5392BCP-5 Datasheet HTML 9Page - Analog Devices AD5392BCP-5 Datasheet HTML 10Page - Analog Devices AD5392BCP-5 Datasheet HTML 11Page - Analog Devices AD5392BCP-5 Datasheet HTML 12Page - Analog Devices AD5392BCP-5 Datasheet HTML 13Page - Analog Devices AD5392BCP-5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 10 of 44
TIMING CHARACTERISTICS:
SERIAL SPI-, QSPI-, MICROWIRE-, AND DSP-COMPATIBLE INTERFACE
DVDD = 2 V to 5.5 V; AVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 6. 3-Wire Serial Interface1
Parameter2, 3
Limit at TMIN, TMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t54
13
ns min
24th SCLK falling edge to SYNC falling edge
t6
4
33
ns min
Minimum SYNC low time
t7
10
ns min
Minimum SYNC high time
t7A
50
ns min
Minimum SYNC high time in readback mode
t8
5
ns min
Data setup time
t9
4.5
ns min
Data hold time
t10
4
30
ns max
24th SCLK falling edge to BUSY falling edge
t11
670
ns max
BUSY pulse width low (single channel update)
t12
4
20
ns min
24th SCLK falling edge to LDAC falling edge
t13
20
ns min
LDAC pulse width low
t14
100
ns max
BUSY rising edge to DAC output response time
t15
0
ns min
BUSY rising edge to LDAC falling edge
t16
100
ns min
LDAC falling edge to DAC output response time
t17
8
µs typ
DAC output settling time, AD5390/AD5392
t17
6
µs typ
DAC output settling time, AD5391
t18
20
ns min
CLR pulse width low
t19
12
µs max
CLR pulse activation time
t205
20
ns max
SCLK rising edge to SDO valid
t214
5
ns min
SCLK falling edge to SYNC rising edge
t224
8
ns min
SYNC rising edge to SCLK rising edge
t234
20
ns min
SYNC rising edge to LDAC falling edge
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tr = tf = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3 See
, F
,
and
.
Figure 2 igure 3 Figure 4,
Figure 5
4 Standalone mode only.
5 Daisy-chain mode only.


Similar Part No. - AD5392BCP-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BCP-5 AD-AD5392BCP-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BCP-5 AD-AD5392BCP-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5392BCP-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com