Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5392BCP-5 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5392BCP-5
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BCP-5 Datasheet(HTML) 5 Page - Analog Devices

  AD5392BCP-5 Datasheet HTML 1Page - Analog Devices AD5392BCP-5 Datasheet HTML 2Page - Analog Devices AD5392BCP-5 Datasheet HTML 3Page - Analog Devices AD5392BCP-5 Datasheet HTML 4Page - Analog Devices AD5392BCP-5 Datasheet HTML 5Page - Analog Devices AD5392BCP-5 Datasheet HTML 6Page - Analog Devices AD5392BCP-5 Datasheet HTML 7Page - Analog Devices AD5392BCP-5 Datasheet HTML 8Page - Analog Devices AD5392BCP-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 5 of 44
Parameter
AD5390-5
1
AD5392-51
AD5391-5
1
Unit
Test Conditions/Comments
LOGIC INPUTS (SCL, SDA Only)
VIH, Input High Voltage
0.7 DVDD
0.7 DVDD
V min
SMBus-compatible at DVDD < 3.6 V.
VIL, Input Low Voltage
0.3 DVDD
0.3 DVDD
V max
SMBus-compatible at DVDD < 3.6 V.
IIN, Input Leakage Current
±1
±1
µA max
VHYST, Input Hysteresis
0.05 DVDD
0.05 DVDD
V min
CIN, Input Capacitance
8
8
pF typ
Glitch Rejection
50
50
ns max
Input filtering suppresses noise spikes of
<50 ns.
LOGIC OUTPUTS (BUSY, SDO)
2
Output Low Voltage
0.4
0.4
V max
DVDD = 5 V ± 10%, sinking 200 µA.
Output High Voltage
DVDD − 1
DVDD − 1
V min
DVDD = 5 V ± 10%, SDO only, sourcing
200 µA.
Output Low Voltage
0.4
0.4
V max
DVDD = 2.7 V to 3.6 V, sinking 200 µA.
Output High Voltage
DVDD − 0.5
DVDD − 0.5
V min
DVDD = 2.7 V to 3.6 V SDO only, sourcing
200 µA.
High Impedance Leakage Current
±1
±1
µA max
High Impedance Output
Capacitance
5
5
pF typ
LOGIC OUTPUT (SDA)
2
VOL, Output Low Voltage
0.4
0.4
V max
ISINK = 3 mA.
0.6
0.6
V max
ISINK = 6 mA.
Three-State Leakage Current
±1
±1
µA max
Three-State Output Capacitance
8
8
pF typ
POWER REQUIREMENTS
AVDD
4.5/5.5
4.5/5.5
V min/max
DVDD
2.7/5.5
2.7/5.5
V min/max
Power Supply Sensitivity
2
∆Midscale/∆AVDD
−85
−85
dB typ
AIDD
0.375
0.375
mA/channel
max
Outputs unloaded; boost off;
0.25 mA/channel typ.
AIDD
0.475
0.475
mA/channel
max
Outputs unloaded; boost on;
0.325 mA/channel typ.
DIDD
1
1
mA max
VIH = DVDD, VIL = DGND.
AIDD (Power-Down)
1
1
µA max
Typically 200 nA.
DIDD (Power-Down)
20
20
µA max
Typically 3 µA.
Power Dissipation
35
35
mW max
AD5390/AD5391 with outputs unloaded;
AVDD = DVDD = 5 V; boost off.
20
20
mW max
AD5392 with outputs unloaded;
AVDD = DVDD = 5 V, boost off.
1 AD539x-5 products are calibrated with a 2.5 V reference. Temperature range for all versions:
−40°C to +85°C.
2 Guaranteed by characterization, not production tested.
3 Programmable either to 1.25 V typ or 2.5 V typ via the AD539x control register. Operating the AD539x-5 products with a reference of 1.25 V leads to a degradation in
performance accuracy.
4 Accuracy guaranteed from VOUT = 10 mV to AVDD
− 50 mV.


Similar Part No. - AD5392BCP-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BCP-5 AD-AD5392BCP-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BCP-5 AD-AD5392BCP-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5392BCP-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com