Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7924BRU Datasheet(PDF) 5 Page - Analog Devices

Part # AD7924BRU
Description  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7924BRU Datasheet(HTML) 5 Page - Analog Devices

  AD7924BRU Datasheet HTML 1Page - Analog Devices AD7924BRU Datasheet HTML 2Page - Analog Devices AD7924BRU Datasheet HTML 3Page - Analog Devices AD7924BRU Datasheet HTML 4Page - Analog Devices AD7924BRU Datasheet HTML 5Page - Analog Devices AD7924BRU Datasheet HTML 6Page - Analog Devices AD7924BRU Datasheet HTML 7Page - Analog Devices AD7924BRU Datasheet HTML 8Page - Analog Devices AD7924BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7904/AD7914/AD7924
–5–
REV. 0
Parameter
B Version
1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD
4
Digital I/Ps = 0 V or VDRIVE
Normal Mode (Static)
600
µA typ
VDD = 2.7 V to 5.25 V, SCLK On or Off
Normal Mode (Operational)
2.7
mA max
VDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
2
mA max
VDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Using Auto Shutdown Mode
960
µA typ
fSAMPLE = 250 kSPS
0.5
µA max
(Static)
Full Shutdown Mode
0.5
µA max
SCLK On or Off (20 nA typ)
Power Dissipation
4
Normal Mode (Operational)
13.5
mW max
VDD = 5 V, fSCLK = 20 MHz
6
mW max
VDD = 3 V, fSCLK = 20 MHz
Auto Shutdown Mode (Static)
2.5
µW max
VDD = 5 V
1.5
µW max
VDD = 3 V
Full Shutdown Mode
2.5
µW max
VDD = 5 V
1.5
µW max
VDD = 3 V
NOTES
1Temperature ranges as follows: B Version: –40
°C to +85°C.
2See Terminology section.
3Sample tested @ 25
°C to ensure compliance.
4See Power Versus Throughput Rate section.
Specifications subject to change without notice.


Similar Part No. - AD7924BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7924BRU AD-AD7924BRU Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRU-REEL7 AD-AD7924BRU-REEL7 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ-REEL AD-AD7924BRUZ-REEL Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ-REEL7 AD-AD7924BRUZ-REEL7 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results

Similar Description - AD7924BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com