Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7924 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7924
Description  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7924 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7924 Datasheet HTML 5Page - Analog Devices AD7924 Datasheet HTML 6Page - Analog Devices AD7924 Datasheet HTML 7Page - Analog Devices AD7924 Datasheet HTML 8Page - Analog Devices AD7924 Datasheet HTML 9Page - Analog Devices AD7924 Datasheet HTML 10Page - Analog Devices AD7924 Datasheet HTML 11Page - Analog Devices AD7924 Datasheet HTML 12Page - Analog Devices AD7924 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7904/AD7914/AD7924
–9–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted.)
AVDD to AGND ............................................... –0.3 V to +7 V
VDRIVE to AGND ................................ –0.3 V to AVDD + 0.3 V
Analog Input Voltage to AGND ......... –0.3 V to AVDD + 0.3 V
Digital Input Voltage to AGND ........................ –0.3 V to +7 V
Digital Output Voltage to AGND ........... –0.3 V to AVDD + 0.3 V
REFIN to AGND ................................ –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 .................
±10 mA
Operating Temperature Range
Commercial (B Version) ............................. –40
°C to +85°C
Storage Temperature Range ...................... –65
°C to +150°C
Junction Temperature ................................................... 150
°C
TO
OUTPUT
PIN
CL
50pF
200 A
IOH
200 A
IOL
1.6V
Figure 1. Load Circuit for Digital Output Timing Specifications
ORDERING GUIDE
Temperature
Linearity
Package
Package
Model
Range
Error (LSB)
1
Option
Description
AD7904BRU
–40
°C to +85°C
±0.2
RU-16
TSSOP
AD7914BRU
–40
°C to +85°C
±0.5
RU-16
TSSOP
AD7924BRU
–40
°C to +85°C
±1
RU-16
TSSOP
EVAL-AD79x4CB
2
Evaluation Board
EVAL-CONTROL BRD2
3
Controller Board
NOTES
1Linearity error here refers to integral linearity error.
2This can be used as a stand alone evaluation board or in conjunction with the Evaluation Controller Board for evaluation/demonstration purposes.
The board comes with one chip of each the AD7904, AD7914, and AD7924.
3This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To
order a complete evaluation kit you will need to order the particular ADC evaluation board, e.g., EVAL-AD79x4CB, the EVAL-CONTROL BRD2,
and a 12 V ac transformer. See relevant Evaluation Board Technical Note for more information.
TSSOP Package, Power Dissipation ........................... 450 mW
θJA Thermal Impedance ......................... 150.4°C/W (TSSOP)
θJC Thermal Impedance........................... 27.6°C/W (TSSOP)
Lead Temperature, Soldering
Vapor Phase (60 secs) ................................................ 215
°C
Infrared (15 secs) ....................................................... 220
°C
ESD ................................................................................. 2 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7904/AD7914/AD7924 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - AD7924

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7924BRU AD-AD7924BRU Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRU-REEL7 AD-AD7924BRU-REEL7 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ-REEL AD-AD7924BRUZ-REEL Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ-REEL7 AD-AD7924BRUZ-REEL7 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
More results

Similar Description - AD7924

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com