Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2270 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # F2270
Description  75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2270 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button F2270 Datasheet HTML 17Page - Integrated Device Technology F2270 Datasheet HTML 18Page - Integrated Device Technology F2270 Datasheet HTML 19Page - Integrated Device Technology F2270 Datasheet HTML 20Page - Integrated Device Technology F2270 Datasheet HTML 21Page - Integrated Device Technology F2270 Datasheet HTML 22Page - Integrated Device Technology F2270 Datasheet HTML 23Page - Integrated Device Technology F2270 Datasheet HTML 24Page - Integrated Device Technology F2270 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
F2270 Datasheet
© 2017 Integrated Device Technology, Inc.
21
Rev O July 25, 2017
Figure 57. Control Pin Interface for Signal Integrity
1
4
3
2
12
9
10
11
Control
5
6
7
8
13
14
15
16
VMODE
2pf
5Kohm
2pf
5Kohm
VCTRL
RF1
RF2


Similar Part No. - F2270

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
1Mb / 29P
   Voltage Variable Attenuator
logo
Renesas Technology Corp
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
   75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270EVBI IDT-F2270EVBI Datasheet
1Mb / 29P
   Voltage Variable Attenuator
logo
Renesas Technology Corp
F2270EVBI RENESAS-F2270EVBI Datasheet
4Mb / 30P
   75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270NLGK IDT-F2270NLGK Datasheet
1Mb / 29P
   Voltage Variable Attenuator
More results

Similar Description - F2270

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
   75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
   75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
   75廓 SP2T RF Switch 5MHz to 3000MHz
logo
TriQuint Semiconductor
QPC6742 TRIQUINT-QPC6742 Datasheet
1Mb / 14P
   75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6762 TRIQUINT-QPC6762 Datasheet
1Mb / 14P
   75(ohm) SP6T Switch 5MHz to 2000MHz
logo
Pasternack Enterprises,...
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
   16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
Qorvo, Inc
QPC7334 QORVO-QPC7334 Datasheet
802Kb / 14P
   5MHz to 684MHz Variable Equalizer
October 22, 2021
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com