Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5933 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5933
Description  1 MSPS 12-Bit Impedance Converter, Network Analyzer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 4 Page - Analog Devices

  AD5933 Datasheet HTML 1Page - Analog Devices AD5933 Datasheet HTML 2Page - Analog Devices AD5933 Datasheet HTML 3Page - Analog Devices AD5933 Datasheet HTML 4Page - Analog Devices AD5933 Datasheet HTML 5Page - Analog Devices AD5933 Datasheet HTML 6Page - Analog Devices AD5933 Datasheet HTML 7Page - Analog Devices AD5933 Datasheet HTML 8Page - Analog Devices AD5933 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5933
Preliminary Technical Data
Rev. PrA | Page 4 of 20
Parameter
B Version1
Min
Typ
Max
Unit
Test Conditions/Comments
Narrowband
80
db
Clock Feedthrough
TBD
db
System Response Stage
Analog Input VIN
Input Leakage Current
1
nA
To Pin VIN
Input Capacitance
0.5
pF
To Pin VIN
Input Impedance
100M
Ohm
To Pin VIN
ADC Accuracy
Resolution
12
Sampling Rate
1
MSPS
Integral Nonlinearity
±1
LSB
No missing Codes
Differential Nonlinearity
±1
LSB
Offset Error
Gain Error
TEMPERATURE SENSOR
Accuracy
±1
oC
TA = -40 - 125 DEGREES
Resolution
0.03125
oC
Temperature Conversion Time
TBD
uS
LOGIC INPUTS
Vih, Input High Voltage
2.2
VDD = 3v
Vil, Input Low Voltage
0.8
VDD = 3V
Input Current
±1
uA
Input Capacitance
±3
pF
POWER REQUIREMENTS
Vdd
3.0
Volts
IDD (Normal Mode)
15
mA
IDD (Powerdown Mode)
TBD
uA
1 Temperature ranges are as follows: B Version: –40°C to +125°C, typical at 25°C.
2 Guaranteed by design and characterization, not production tested.


Similar Part No. - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933 AD-AD5933 Datasheet
200Kb / 6P
   High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
REV. A
AD5933 AD-AD5933 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933WYRSZ-REEL7 AD-AD5933WYRSZ-REEL7 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
More results

Similar Description - AD5933

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
   Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5934 AD-AD5934 Datasheet
513Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. 0
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Analog Devices
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com