Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5040 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5040
Description  Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5040 Datasheet HTML 9Page - Analog Devices AD5040 Datasheet HTML 10Page - Analog Devices AD5040 Datasheet HTML 11Page - Analog Devices AD5040 Datasheet HTML 12Page - Analog Devices AD5040 Datasheet HTML 13Page - Analog Devices AD5040 Datasheet HTML 14Page - Analog Devices AD5040 Datasheet HTML 15Page - Analog Devices AD5040 Datasheet HTML 16Page - Analog Devices AD5040 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD5040/5060
Preliminary Technical Data
Rev. PrC | Page 14 of 17
The bias generator, the output amplifier, the DAC and other
associated linear circuitry are all shut down when the
power-down mode is activated. However, the contents of the
DAC register are unaffected when in power-down. The time to
exit power-down is typically 2.5 µs for VDD = 5 V and 5 µs for
VDD = 3 V. See Figure 18 for a plot.
MICROPROCESSOR INTERFACING
AD5040/AD5060 to ADSP-2101/ADSP-2103
Interface
Figure 25 shows a serial interface between the AD5040/AD5060
and the ADSP-2101/ADSP-2103. The ADSP-2101/ADSP-2103
should be set up to operate in the SPORT Transmit Alternate
Framing Mode. The ADSP-2101/ADSP-2103 SPORT is
programmed through the SPORT control register and should
be configured as follows: Internal Clock Operation, Active Low
Framing, 16-Bit Word Length. Transmission is initiated by
writing a word to the Tx register after the SPORT has
been enabled.
Figure 25. AD5040/AD5060 to ADSP-2101/ADSP-2103
Interface
DB23
DB0
SCLK
SYNC
DIN
DB23
DB0
VALID WRITE SEQUENCE, OUTPUT UPDATES
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
ON THE 24TH FALLING EDGE
Figure 23. SYNC Interrupt Facility for AD5060.
AD5040/AD5060 to 68HC11/68L11 Interface
Figure 26 shows a serial interface between the AD5060 and the
68HC11/68L11 microcontroller. SCK of the 68HC11/68L11
drives the SCLK of the AD5060, while the MOSI
output drives the serial data line of the DAC. The SYNC
signal is derived from a port line (PC7). The setup conditions
for correct operation of this interface are as follows: the
68HC11/68L11 should be configured so that its CPOL bit is a 0
and its CPHA bit is a 1. When data is being transmitted
to the DAC, the SYNC line is taken low (PC7). When the
68HC11/68L11 is configured as above, data appearing on the
MOSI output is valid on the falling edge of SCK. Serial data
from the 68HC11/68L11 is transmitted in 8-bit bytes with only
eight falling clock edges occurring in the transmit cycle. Data is
transmitted MSB first. In order to load data to the
AD5040/AD5060, PC7 is left low after the first eight bits are
transferred, and a second serial write operation is performed to
the DAC and PC7 is taken high at the end of this procedure.
Figure 26. AD5040/AD5060 to 68HC11/68L11 Interface
AD5040/AD5060 to Blackfin ADSP-BF53X
Interface
Figure 2X shows a serial interface between the AD5641 and the
Blackfin ADSP-53X microprocessor. The ADSP-BF53X processor
family incorporates two dual-channel synchronous serial ports,
SPORT1 and SPORT0 for serial and multiprocessor
communications. Using SPORT0 to connect to the AD5062/63, the
setup for the interface is as follows. DT0PRI drives the SDIN pin of
the AD5062/63, while TSCLK0 drives the SCLK of the part. The
SYNC is driven from TFS0.
Figure 2X. AD5040/AD5060 to Blackfin ADSP-BF53X
Interface
AD5040/AD5060 to 80C51/80L51 Interface
Figure 27 shows a serial interface between the AD5040/AD5060
and the 80C51/80L51 microcontroller. The setup for the
interface is as follows:TXDofthe80C51/80L51drivesSCLKofthe
AD5040/AD5060, while RXD drives the serial data line of the
part. The SYNC signal is again derived from a bit
programmable pin on the port. In this case port line P3.3 is


Similar Part No. - AD5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5040 AD-AD5040 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5040 AD-AD5040 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5040 AD-AD5040 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5040 AD-AD5040 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results

Similar Description - AD5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5025 AD-AD5025_16 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5662BRJ-2REEL7 AD-AD5662BRJ-2REEL7 Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com