Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C4483-72 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C4483-72
Description  RF Cable Assemblies Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4483-72 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C4483-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4483-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4483-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4483-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4483-72 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
SSMC Plug Right Angle
SSMC Jack Bulkhead
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
500
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
MIL-G-45204
Dielectric Type
Teflon
Teflon
Outer Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Gold
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
MIL-G-45204
Coupling Nut Material and Plating
Beryllium Copper, Gold
Coupling Nut Plating Specification
MIL-G-45204
Torque
1.75 in-lbs [0.2 Nm]
1.75 in-lbs [0.2 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C4483-72 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle to SSMC Jack Bulkhead Cable 72 Inch Length Using PE-SR405FLJ
Coax PE3C4483-72
RF Cable Assemblies Technical Data Sheet
SSMC Plug Right Angle to SSMC Jack Bulkhead
Cable 72 Inch Length Using PE-SR405FLJ Coax
PE3C4483-72


Similar Part No. - PE3C4483-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4483-12 PASTERNACK-PE3C4483-12 Datasheet
461Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4483-24 PASTERNACK-PE3C4483-24 Datasheet
461Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4483-48 PASTERNACK-PE3C4483-48 Datasheet
461Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4483-6 PASTERNACK-PE3C4483-6 Datasheet
461Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4483-60 PASTERNACK-PE3C4483-60 Datasheet
461Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3C4483-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com