Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW3123-E3F-A Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LW3123-E3F-A
Description  General Specifications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LW3123-E3F-A Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  LW3123-E3F-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-E3F-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-E3F-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-E3F-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LW3123-E3F-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series LW
Power-Rated Snap-in Rockers
B60
B
www.nkkswitches.com
BEZEL & BEZEL COLORS
(5.0) Dia
.197
(20.0)
.787
(3.8) Dia
.150
AT107 Lamp Extractor
Lamps can be changed without removing the switch from the panel.
AT107 assists in removing lamps from the switch.
LEGENDS
(19.4)
.764
(41.0)
1.614
(28.8)
1.134
(24.0)
.945
(2.6)
.102
AT206 Bezel & Color Codes
Inscriptions can be placed on the rocker or filter.
Details regarding screen printing may be obtained from the factory.
Material: Polycarbonate
Black
White
Amber
A
B
D
Yellow
E
Red
C
No Bezel
No Code
Panel Thickness
.039” ~ .118”
(1.0mm ~ 3.0mm)
TYPICAL SWITCH DIMENSIONS
Solder Lug • Without Bezel
Solder Lug • With Bezel
LW3122-F4CF
Actuator in UP position
LW3122-F3CF-A
Actuator in UP position
(3.0)
.118
L4
L3
L2
L1
4
5
6
3
2
1
(27.6)
1.087
(30.0)
1.181
34°
(2.5)
.098
(1.2) Dia Typ
.047
(0.68) Typ
.027
(0.4) Typ
.016
(9.4) Typ
.370
(2.0) x (2.6) Typ
.079 x .102
(4.5)
.177
(6.7)
.264
(0.6)
.024
(8.4)
.331
(28.7)
1.130
(19.7)
.774
(19.0)
.748
(36.0)
1.417
(27.6)
1.087
(30.0)
1.181
34°
(4.0)
.157
(1.2) Dia Typ
.047
(0.68) Typ
.027
(0.4) Typ
.016
(9.4) Typ
.370
(2.0) x (2.6) Typ
.079 x .102
(4.5)
.177
(6.7)
.264
(2.6)
.102
(10.0)
.394
(27.1)
1.067
(19.7)
.774
(19.0)
.748
(28.8)
1.134
(41.0)
1.614
(3.0)
.118
L4
L3
L2
L1
4
5
6
3
2
1
(24.0)
.945
(32.0)
1.260
(19.8)
.780
(32.0)
1.260
(19.8)
.780
Panel Thickness
.039” ~ .157”
(1.0mm ~ 4.0mm)
OPTIONAL ACCESSORY
Green
F
Blue
G
Gray
H


Similar Part No. - LW3123-E3F-A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LW311 SEOUL-LW311 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LW311 SEOUL-LW311 Datasheet
360Kb / 13P
   CYAN LAMP LED
LW311 SEOUL-LW311 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW311 SEOUL-LW311 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LW311 SEOUL-LW311 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LW3123-E3F-A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com