Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G32GV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC1G32GV
Description  2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G32GV Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC1G32GV Datasheet HTML 1Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 2Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 3Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 4Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 5Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1G32GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 Jun 05
2
Philips Semiconductors
Product specification
2-input OR gate
74AHC1G32; 74AHCT1G32
FEATURES
• Symmetrical output impedance
• High noise immunity
• ESD protection:
– HBM EIA/JESD22-A114-A exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V
– CDM EIA/JESD22-C101 exceeds 1000 V.
• Low power dissipation
• Balanced propagation delays
• Multiple very small 5-pin packages
• Output capability: standard
• Specified from −40 to +125 °C.
DESCRIPTION
The 74AHC1G/AHCT1G32 is a high-speed Si-gate CMOS
device.
The 74AHC1G/AHCT1G32 provides the 2-input
OR function.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi +(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC1G
AHCT1G
tPHL/tPLH
propagation delay A and B to Y CL = 15 pF; VCC = 5 V
3.2
3.3
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
CL = 50 pF; f = 1 MHz;
notes 1 and 2
16
17
pF


Similar Part No. - 74AHC1G32GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G32GV NXP-74AHC1G32GV Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
74AHC1G32GV NXP-74AHC1G32GV Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Nexperia B.V. All right...
74AHC1G32GV NEXPERIA-74AHC1G32GV Datasheet
215Kb / 11P
   2-input OR gate
Rev. 10 - 11 January 2022
74AHC1G32GV-Q100 NEXPERIA-74AHC1G32GV-Q100 Datasheet
686Kb / 13P
   2-input OR gate
74AHC1G32GV-Q100 NEXPERIA-74AHC1G32GV-Q100 Datasheet
214Kb / 11P
   2-input OR gate
Rev. 3 - 11 January 2022
More results

Similar Description - 74AHC1G32GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com