Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6FLR20MS02 Datasheet(PDF) 1 Page - International Rectifier

Part # A6FLR20MS02
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

A6FLR20MS02 Datasheet(HTML) 1 Page - International Rectifier

  A6FLR20MS02 Datasheet HTML 1Page - International Rectifier A6FLR20MS02 Datasheet HTML 2Page - International Rectifier A6FLR20MS02 Datasheet HTML 3Page - International Rectifier A6FLR20MS02 Datasheet HTML 4Page - International Rectifier A6FLR20MS02 Datasheet HTML 5Page - International Rectifier A6FLR20MS02 Datasheet HTML 6Page - International Rectifier A6FLR20MS02 Datasheet HTML 7Page - International Rectifier A6FLR20MS02 Datasheet HTML 8Page - International Rectifier A6FLR20MS02 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Short reverse recovery time
Low stored charge
Wide current range
Excellent surge capabilities
Standard JEDEC types
Stud cathode and stud anode versions
Fullycharacterisedreverserecoveryconditions
I
F(AV) @ TC = 100°C
6 *
12 *
6
12
16
A
I
F(RMS)
9.5
19
9.5
19
25
A
I
FSM
@50Hz
72
145
110
145
180
A
@ 60Hz
75 *
150 *
115
150
190
A
I2t@50Hz
26
103
60
103
160
A2s
@ 60Hz
23
94
55
94
150
A2s
I2√t
363
856
1452 1452 2290
I2√s
V
RRM
range
50 to 400 *
50 to 1000
V
t
rr
range
see table
ns
T
J
range
- 65 to 150
°C
Major Ratings and Characteristics
1N3879- 1N3889-
1N3883 1N3893
Parameters
6FL 12FL 16FL Units
* JEDEC registred values.
1
FAST RECOVERY DIODES
Stud Version
1N3879(R), 1N3889(R)
6/ 12/ 16FL(R) SERIES
www.irf.com
Bulletin PD-2.030 rev
G 01/05
Description
This range of fast recovery diodes is
designed for applications in DC power
supplies, inverters, converters, choppers,
ultrasonic systems and for use as a free
wheeling diode.
case style
DO-203AA (DO-4)


Similar Part No. - A6FLR20MS02

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
A6FL01 SWITCH-A6FL01 Datasheet
149Kb / 1P
   A SERIES FEMALE QG
A6FL02 SWITCH-A6FL02 Datasheet
149Kb / 1P
   A SERIES FEMALE QG
A6FLAU01 SWITCH-A6FLAU01 Datasheet
149Kb / 1P
   A SERIES FEMALE QG
A6FLAU02 SWITCH-A6FLAU02 Datasheet
149Kb / 1P
   A SERIES FEMALE QG
A6FLB01 SWITCH-A6FLB01 Datasheet
149Kb / 1P
   A SERIES FEMALE QG
More results

Similar Description - A6FLR20MS02

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com