Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54519P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M54519P
Description  7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M54519P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54519P/FP
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
TYPICAL CHARACTERISTICS
Thermal Derating Factor Characteristics
Ambient temperature Ta (
°C)
M54519FP
M54519P
0
0
0.5
1.0
1.5
2.0
25
50
75
100
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE (sat) (V)
0
0
100
200
VI = 5V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
300
400
0.5
1.0
1.5
2.0
Duty-Cycle-Collector Characteristics
(M54519P)
Duty cycle (%)
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 75
°C
•The collector current values
represent the current per circuit.
•Repeated frequency ≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 75
°C
0
0
100
200
300
400
500
Œ

Ž


‘
’
20
40
60
80
100
Duty-Cycle-Collector Characteristics
(M54519P)
Duty cycle (%)
0
0
100
200
300
400
500
Œ

Ž


‘
’
20
40
60
80
100
Duty-Cycle-Collector Characteristics
(M54519FP)
Duty cycle (%)
0
0
100
200
300
400
500
Œ

Ž


‘
’
20
40
60
80
100
Duty-Cycle-Collector Characteristics
(M54519FP)
Duty cycle (%)
0
0
100
200
300
400
500
Œ

Ž


‘
’
20
40
60
80
100


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M54517P7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY 1 2 3 Mitsubishi Electric Semiconductor
M54522P8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M545838 UNIT 400MA DARLINGTON TRANSISTOR ARRAY 1 2 3 Mitsubishi Electric Semiconductor
IR24037- UNIT 400MA DARLINGTON TRANSISTOR ARRAY 1 2 Sharp Electrionic Components
LB1710Low-Active 7-Unit Darlington Transistor Array 1 2 3 Sanyo Semicon Device
M54525P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M54526P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54561P7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
IR24196-Unit 400mA Darlington Transistor Array 1 2 Sharp Electrionic Components
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn