Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9V024 Datasheet(PDF) 34 Page - ON Semiconductor

Part # MT9V024
Description  1/3-Inch Wide VGA CMOS Digital Image Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button MT9V024_17 Datasheet HTML 30Page - ON Semiconductor MT9V024_17 Datasheet HTML 31Page - ON Semiconductor MT9V024_17 Datasheet HTML 32Page - ON Semiconductor MT9V024_17 Datasheet HTML 33Page - ON Semiconductor MT9V024_17 Datasheet HTML 34Page - ON Semiconductor MT9V024_17 Datasheet HTML 35Page - ON Semiconductor MT9V024_17 Datasheet HTML 36Page - ON Semiconductor MT9V024_17 Datasheet HTML 37Page - ON Semiconductor MT9V024_17 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
MT9V024/D
www.onsemi.com
34
Table 20. TWO−WIRE SERIAL BUS CHARACTERISTICS (VPWR = 3.3V +0.3V; TA = Ambient = 25°C)
Parameter
Symbol
Standard−Mode
Fast−Mode
Unit
Min
Max
Min
Max
SCLK Clock Frequency
fSCL
0
100
0
400
kHz
After this period, the first clock pulse is generated
tHD;STA
4.0
0.6
ms
LOW period of the SCLK clock
tLOW
4.7
1.3
ms
HIGH period of the SCLK clock
tHIGH
4.0
0.6
ms
Set-up time for a repeated START condition
tSU;STA
4.7
0.6
ms
Data hold time
tHD;DAT
0
(Note 11)
3.45
(Note 12)
0
(Note 13)
0.9
(Note 12)
ms
Data set-up time
tSU;DAT
250
100
(Note 13)
ns
Rise time of both SDATA and SCLK signals
tr
1000
20 + 0.1Cb
(Note 14)
300
ns
Fall time of both SDATA and SCLK signals
tf
300
20 + 0.1Cb
(Note 14)
300
ns
Set-up time for STOP condition
tSU;STO
4.0
0.6
ms
Bus free time between a STOP and START condition
tBUF
4.7
1.3
ms
Capacitive load for each bus line
Cb
400
400
pF
Serial interface input pin capacitance
CIN_SI
3.3
3.3
pF
SDATA max load capacitance
CLOAD_SD
30
30
pF
SDATA pull−up resistor
RSD
1.5
4.7
1.5
4.7
kW
8. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
9. Two-wire control is I2C-compatible.
10.All values referred to VIHmin = 0.9 VDD and VILmax = 0.1VDD levels. Sensor EXCLK = 27 MHz.
11. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the undefined region of the falling edge of SCLK.
12.The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
13.A Fast-mode I2C-bus device can be used in a Standard-mode I2C−bus system, but the requirement tSU;DAT 250 ns must then be met. This
will automatically be the case if the device does not stretch the LOW period of the SCLK signal. If such a device does stretch the LOW period
of the SCLK signal, it must output the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard−mode
I2C−bus specification) before the SCLK line is released.
14.Cb = total capacitance of one bus line in pF.
Minimum Master Clock Cycles
In addition to the AC timing requirements described in
Table 17, the two−wire serial bus operation also requires
certain minimum master clock cycles between transitions.
These are specified in Figures 41 through 46, in units of
master clock cycles.
Figure 41. Serial Host Interface Start Condition Timing
SCLK
SDATA
4
4


Similar Part No. - MT9V024_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024D ONSEMI-MT9V024D Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTCC13CC1-200 ONSEMI-MT9V024D00XTCC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V024D00XTMC13CC1-200 ONSEMI-MT9V024D00XTMC13CC1-200 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
More results

Similar Description - MT9V024_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V023 ONSEMI-MT9V023_17 Datasheet
381Kb / 43P
   1/3-Inch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com