Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9P031 Datasheet(PDF) 20 Page - ON Semiconductor

Part # MT9P031
Description  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P031 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button MT9P031_17 Datasheet HTML 16Page - ON Semiconductor MT9P031_17 Datasheet HTML 17Page - ON Semiconductor MT9P031_17 Datasheet HTML 18Page - ON Semiconductor MT9P031_17 Datasheet HTML 19Page - ON Semiconductor MT9P031_17 Datasheet HTML 20Page - ON Semiconductor MT9P031_17 Datasheet HTML 21Page - ON Semiconductor MT9P031_17 Datasheet HTML 22Page - ON Semiconductor MT9P031_17 Datasheet HTML 23Page - ON Semiconductor MT9P031_17 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MT9P031
www.onsemi.com
20
Table 13. OPERATING MODE (continued)
Mode
Description
Settings
GRR Snapshot
Snapshot = 1;
Global_Reset = 1
Frames are output one at a time, with each frame initiated by a trigger. GRR is
used. Readout is electronically triggered based on SW.
GRR Bulb
Snapshot = 1;
Bulb_Exposure = 1;
Global_Reset = 1
Frames are output one at a time, with each frame initiated by a trigger. GRR is
used. Readout is initiated by a second trigger.
1. In ERS bulb mode, SW must be greater than 4 (use trigger wider than tROW * 4).
All operating modes share a common set of operations:
1. Wait for the first trigger, then start the exposure.
2. Wait for the second trigger, then start the readout.
The first trigger is by default automatic, producing
continuous images. If snapshot is set, the first trigger can
either be a low level on the TRIGGER pin or writing a “1”
to the trigger register field. If Invert_Trigger is set, the first
trigger is a high level on TRIGGER pin (or a “1” written to
trigger register field). Because TRIGGER is level-sensitive,
multiple frames can be output (with a frame rate of
tFRAME) by holding TRIGGER pin at the triggering level.
The second trigger is also normally automatic, and
generally occurs SW row times after the exposure is started.
If Bulb_Exposure is set, the second trigger can either be a
high level on TRIGGER or a write to Restart. If
Invert_Trigger is set, the second trigger is a low level on
TRIGGER (or a Restart). In bulb modes, the minimum
possible exposure time depends on the mechanical shutter
used.
After one frame has been output, the chip will reset step
1, above, eventually waiting for the first trigger again. The
next trigger may be issued after ((VB - 8) x tROW) in ERS
modes or tALLREST in GRR modes.
The choice of shutter type is made by Global_Reset. If it
is set, the GRR shutter is used; otherwise, ERS is used. The
two shutters are described in “Electronic Rolling Shutter”
and “Global Reset Release”.
The default ERS continuous mode is shown in Figure 8.
Figure 23 shows default signal timing for ERS snapshot
modes, while Figure 24 shows default signal timing for
GRR snapshot modes.
Figure 23. ERS Snapshot Timing
TRIGGER
STROBE
FV
LV
DOUT
TRIGGER
STROBE
FV
LV
DOUT
(a) ERS Snapshot
(b) ERS Bulb
TT1
TSE TSW TT2
(H + VB) x tROW
(H + VB) xtROW
8 x tROW
tROW
tROW
8 x tROW
tROW
8 x tROW
tROW
SW xtROW
8 x tROW
First Row Exposure
Second Row Exposure
First Row Exposure
Second Row Exposure
SW x tROW
TT1
TSW
TT2
TSE


Similar Part No. - MT9P031_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT9P031I12STC ETC1-MT9P031I12STC Datasheet
2Mb / 46P
   1/2.5-Inch 5Mp CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results

Similar Description - MT9P031_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com