Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9P031 Datasheet(PDF) 15 Page - ON Semiconductor

Part # MT9P031
Description  1/2.5-Inch 5 Mp CMOS Digital Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P031 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button MT9P031_17 Datasheet HTML 11Page - ON Semiconductor MT9P031_17 Datasheet HTML 12Page - ON Semiconductor MT9P031_17 Datasheet HTML 13Page - ON Semiconductor MT9P031_17 Datasheet HTML 14Page - ON Semiconductor MT9P031_17 Datasheet HTML 15Page - ON Semiconductor MT9P031_17 Datasheet HTML 16Page - ON Semiconductor MT9P031_17 Datasheet HTML 17Page - ON Semiconductor MT9P031_17 Datasheet HTML 18Page - ON Semiconductor MT9P031_17 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
MT9P031
www.onsemi.com
15
Readout Modes
Subsampling
By default, the resolution of the output image is the full
width and height of the FOV as defined in “Window
Control”. The output resolution can be reduced by two
methods: Skipping and Binning.
Row and column skip modes use subsampling to reduce
the output resolution without reducing FOV. The MT9P031
also has row and column binning modes, which can reduce
the impact of aliasing introduced by the use of skip modes.
This is achieved by the averaging of 2 or 3 adjacent rows and
columns (adjacent same-color pixels). Both 2X and 4X
binning modes are supported. Rows and columns can be
binned independently.
Skipping
Skipping reduces resolution by using only selected pixels
from the FOV in the output image. In skip mode, entire rows
and columns of pixels are not sampled, resulting in a lower
resolution output image. A skip 2X mode skips one Bayer
pair of pixels for every pair output. Skip 3X skips two pairs
for each one pair output. Rows and columns are always read
out in pairs. If skip 2X mode is enabled with otherwise
default sensor settings, the columns in the output image
correspond to the pixel array columns 16, 17, 20, 21, 24,
25... .
Figure 14. Eight Pixels in Normal and Column Skip 2X Readout Modes
G0
R0
[11:0]
[11:0]
G1
R1
[11:0]
G2
[11:0]
R2
[11:0]
[11:0]
G3
R3
[11:0]
G0
[11:0]
R0
[11:0]
G2
[11:0]
R2
[11:0]
[11:0]
LV
Normal readout
DOUT[11:0]
LV
Column skip 2X readout
DOUT[11:0]
Skipping can be enabled separately for rows and columns.
To enable skip mode, set either or both of Row_Skip and
Column_Skip to the number of pixel pairs that should be
skipped for each pair used in the output image. For example,
to set column skip 2X mode, set Column_Skip to “1”.
The size of the output image is reduced by the skip mode
as shown in the following two equations:
(eq. 1)
W + 2
ceil((Column_Size ) 1)) (2
(Column_Skip ) 1)))
H + 2
ceil((Row_Size ) 1)) (2
(Row_Skip ) 1)))
(eq. 2)
Figure 15. Pixel Readout (no skipping)
X incrementing
Figure 16. Pixel Readout (Column Skip 2X)
X incrementing


Similar Part No. - MT9P031_17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT9P031I12STC ETC1-MT9P031I12STC Datasheet
2Mb / 46P
   1/2.5-Inch 5Mp CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DP ONSEMI-MT9P031I12STC-DP Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
MT9P031I12STC-DR ONSEMI-MT9P031I12STC-DR Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
More results

Similar Description - MT9P031_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001_17 Datasheet
324Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 12
MT9P006 ONSEMI-MT9P006_17 Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9P031 ONSEMI-MT9P031_V01 Datasheet
350Kb / 32P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
August, 2021 ??Rev. 11
MT9P401 ONSEMI-MT9P401_17 Datasheet
364Kb / 45P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
May, 2017 ??Rev. 6
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
   1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
logo
Micron Technology
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
   1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
MT9P031 ONSEMI-MT9P031 Datasheet
1Mb / 46P
   5 Mp CMOS Digital Image Sensor
Rev. J 5/15 EN
AR0542 ONSEMI-AR0542 Datasheet
1Mb / 81P
   5 Mp CMOS Digital Image Sensor
Rev. H Pub. 5/15 EN
MT9P401 ONSEMI-MT9P401 Datasheet
1Mb / 62P
   5 Mp CMOS Digital Image Sensor
Rev. F 5/15 EN
MT9F002 ONSEMI-MT9F002_16 Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com