Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC8A-T1A Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # CC8A-T1A
Description  AT-Cut Crystal 24 MHz ??50 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC8A-T1A Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  CC8A-T1A_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC8A-T1A_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.1/06.2017
Micro Crystal AG
Phone +41 32 655 82 82
Muehlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
A unique part number will be generated for each product specification, i.e:
20xxxx-MC01
1'000 pcs (in 8 mm tape on 7" reel)
20xxxx-MC03
3'000 pcs (in 8 mm tape on 7" reel)
20xxxx-EA00
xxx pcs (in ESD plastic tray)
C C 8 A - T 1 A 24.000 MHz 9.0 pF ±50 ppm TB QI
TB = -40 to +85°C (Standard)
TC = -55 to +125°C
Ceramic package
Ceramic lid
Pads on both ends
Load capacitance C
L
SMT Package
AT-cut
Package size
Frequency F
L
Frequency tolerance
Temperature range
Qualification
3.0 pF
9.0 pF
16.0 pF
Other C
L on request
±50 ppm
Tighter freq. tolerances on request
QI
QM
QS
8 = 2.0 x 1.2 x 0.60 mm
Pads
1 = Au flashed pads
5 = ENEPIG plated pads
= Industrial Grade (Standard)
= Medical Grade
= Custom Specification
TERMINATIONS AND
PROCESSING
Type
Termination
Processing
CC8A-T1A
Au flashed pads
IPC/JEDEC J-STD-020C
260°C / 20 - 40 s
CC8A-T5A
ENEPIG plated pads
available only on request
IPC/JEDEC J-STD-020C
260°C / 20 - 40 s
ORDERING INFORMATION
All specifications subject to change without notice.
ENVIRONMENTAL
CHARACTERISTICS
Conditions
Max. Dev.
Storage temp. range
–55 to +125°C
TB Operating temperature range
–40 to +85°C
TC Extended oper. temp. range
–55 to +125°C
Shock resistance
ΔF/F 5000 g, 0.3 ms, ½ sine ±5 ppm
Vibration resistance
ΔF/F
20 g / 10–2000 Hz
±5 ppm
STANDARD FREQUENCIES
Frequencies
24.000 MHz
26.000 MHz
32.000 MHz
48.000 MHz
Other frequencies on request


Similar Part No. - CC8A-T1A_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC8 VISHAY-CC8 Datasheet
82Kb / 3P
   Thin Film 0202 Size Resistor on Alumina
Revision: 05-Apr-13
logo
RHOPOINT COMPONENTS
CC80 RHOPOINT-CC80 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CoolCox Limited All rig...
CC8010 COOLCOX-CC8010 Datasheet
432Kb / 1P
   DC Axial Fan 80x80x10mm
CC8010H05B COOLCOX-CC8010H05B Datasheet
432Kb / 1P
   DC Axial Fan 80x80x10mm
CC8010H05S COOLCOX-CC8010H05S Datasheet
432Kb / 1P
   DC Axial Fan 80x80x10mm
More results

Similar Description - CC8A-T1A_17

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC7A-T1A MICROCRYSTAL-CC7A-T1A_17 Datasheet
965Kb / 2P
   AT-Cut Crystal 24 MHz ??50 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
   AT Crystal 8 MHz -24 MHz
CC7A-T1A MICROCRYSTAL-CC7A-T1A Datasheet
243Kb / 2P
   AT Crystal 24 MHz - 30 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH_17 Datasheet
782Kb / 2P
   AT Crystal 8 MHz ??24 MHz
logo
RSG Electronic Componen...
CX-1-03-LF RSG-CX-1-03-LF Datasheet
83Kb / 2P
   8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
CX-7-SM RSG-CX-7-SM Datasheet
65Kb / 2P
   20 MHz to 50 MHz Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
   AT Crystal 16 MHz - 40 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
   AT Crystal 12 MHz - 70 MHz
CC2A-T1AH MICROCRYSTAL-CC2A-T1AH Datasheet
599Kb / 2P
   AT Crystal 14 MHz - 40 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
   AT Crystal 16 MHz - 70 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com