Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03P2J Datasheet(PDF) 3 Page - NEC

Part # 03P2J
Description  ALL DIFFUSED TYPE SCR POWER MINI MOLD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

03P2J Datasheet(HTML) 3 Page - NEC

  03P2J Datasheet HTML 1Page - NEC 03P2J Datasheet HTML 2Page - NEC 03P2J Datasheet HTML 3Page - NEC 03P2J Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 03P2J

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
03P2J KEXIN-03P2J Datasheet
1Mb / 3P
   SCR Thyristor
More results

Similar Description - 03P2J

ManufacturerPart #DatasheetDescription
logo
NEC
03P2M NEC-03P2M Datasheet
462Kb / 4P
   0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
   8 A RESIN MOLD TYPE SCR
2011
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
   5 A RESIN MOLD TYPE SCR
1988
logo
NEC
8P2SMA NEC-8P2SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
   THYRISTORS 3 A MOLD SCR
2002
logo
Rohm
KDZTR24B ROHM-KDZTR24B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR5.1B ROHM-KDZTR5.1B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR6.2B ROHM-KDZTR6.2B Datasheet
116Kb / 5P
   Small power mold type.
PTZTE2520A ROHM-PTZTE2520A Datasheet
444Kb / 11P
   Small power mold type
logo
NEC
AC01DJM NEC-AC01DJM Datasheet
410Kb / 6P
   1 A POWER MINI MOLD TRIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com