Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB10N03 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # STB10N03
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB10N03 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

  STB10N03 Datasheet HTML 1Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 2Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 3Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 4Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 5Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 6Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 7Page - SamHop Microelectronics Corp. STB10N03 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.samhop.com.tw
8
TOP MARKING DEFINITION
TO-263
XXXXXX
Product No.
SamHop Logo
Wafer Lot No.
Production Date (1,2 ~ 9, A,B.....)
Production Month (1,2 ~ 9, A,B,C)
Production Year (2009 = 9, 2010 = A.....)
STB10N03
SMC internal code No. (A,B,C...Z)
Aug,31,2016
STB10N03
Ver 1.0


Similar Part No. - STB10N03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
STB10NA40 STMICROELECTRONICS-STB10NA40 Datasheet
127Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
   N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
More results

Similar Description - STB10N03

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com