Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3274 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK3274
Description  Slilicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3274 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK3274 Datasheet HTML 1Page - Renesas Technology Corp 2SK3274 Datasheet HTML 2Page - Renesas Technology Corp 2SK3274 Datasheet HTML 3Page - Renesas Technology Corp 2SK3274 Datasheet HTML 4Page - Renesas Technology Corp 2SK3274 Datasheet HTML 5Page - Renesas Technology Corp 2SK3274 Datasheet HTML 6Page - Renesas Technology Corp 2SK3274 Datasheet HTML 7Page - Renesas Technology Corp 2SK3274 Datasheet HTML 8Page - Renesas Technology Corp 2SK3274 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SK3274 (L), 2SK3274 (S)
Rev.3.00 May 15, 2006 page 3 of 8
Main Characteristics
40
0
0
10
20
30
50
100
150
200
100
50
20
10
5
2
12
5
10
20
50
100
50
0
0
10
20
30
40
24
6
8
10
50
0
0
10
20
30
40
24
68
10
0.5
1
0.2
200
Ta = 25°C
10 V
VGS = 3.5 V
Tc = 75°C
25°C
–25°C
4 V
4.5 V
6 V
5 V
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Operation in
this area is
limited by RDS(on)
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
0
0
0.2
0.4
0.6
0.8
4
8
12
16
20
0.1
0.5
2
50
0.2
1
10 20
5
0.05
0.02
0.01
0.005
0.002
0.001
1.0
ID = 20 A
10 A
5 A
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Pulse Test
Static Drain to Source on State Resistance
vs. Drain Current
Drain Current
ID (A)
10
µs
100
µs
1 ms
PW
= 10
ms
(1shot)
DC
Operation
(Tc
=
25°C)
10 V
VGS = 4.5 V
Pulse Test


Similar Part No. - 2SK3274

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3274L VBSEMI-2SK3274L Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
2SK3274S KEXIN-2SK3274S Datasheet
45Kb / 1P
   Slilicon N Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK3274S DOINGTER-2SK3274S Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 2SK3274

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com