Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE36168LF-72 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE36168LF-72
Description  SMA Male to SMP Female Cable 72 Inch Length Using PE-SR405FL Coax, RoHS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE36168LF-72 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE36168LF-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
SMA Male to SMP Female Cable 72 Inch Length Using PE-SR405FL Coax, RoHS
PE36168LF-72
We hereby certify that we comply with the EU Directive 2002/95/EC on the use of certain hazardous substances
in electrical and electronic equipment. The exemptions on the next page apply.
Some of the listed materials may be used in the production of SMA Male to SMP Female Cable 72 Inch Length
Using PE-SR405FL Coax, RoHS PE36168LF-72 in accordance with the following specifications:
Metals:
Non-Metal:
DHP soft copper, CDA 122
PTFE, ASTM-D-1710 – Fire rating V-0 (dielectric)
Phosphor bronze, ASTM-B-159, Alloy 510 (.05%
Silicon rubber ZZ-R-765, Gr. 50, red – Fire rating
by weight Pb); ASTM-B-139, Alloy B2 or C54400
N/A (gasket)
(limited to <4.0% by weight Pb)
Silicon rubber Buna - N , fuel resistant per
Brass: ASTM-B-16 (2.5-3.7% Pb) or ASTM-B-36
MIL-P-5315 (gasket)
Stainless Steel, ASTM-A-582, SS-303
Silver plated aluminum filled silicone per
Beryllium Copper per ASTM-B-196 or ASTM-B-194
MIL-G-83528 (gasket)
SnAgCu solder
Silicon rubber per AN- 6227-17 Class B
Thick wall polyolefin, MIL-I-23053/4, class3 – Fire
rating UL 224 (shrink sleeve)
2 component epoxy
Glass
Finishes:
Silver per ASTM-B700, Semi-bright
Albaloy (Tri-M3) composition: 55-60% Cu, 20-25% Sn,
Tarniban: 8% stannous chloride (anhydrous)
15-20% Zn Alternative 50-55% Cu, 30-35% Sn,
Nickel per AMS-QQ-N-290, Class 1, Bright
13-17% Zn Semi-Bright
Electroless Nickel per Mil-C-26074, Class 1, Bright
Copper per Mil-C-14550, reference Class 4
Gold per ASTM-B488, Type 3, Grade C, reference
Chemical Passivation per ASTM-A-967
Class 0.76
Tin per ASTM-B545, matte finish
Black Chrome per Mil-C-14538
The materials declaration data for SMA Male to SMP Female Cable 72 Inch Length Using PE-SR405FL Coax,
RoHS PE36168LF-72 is accurate, to the best of our knowledge.
Pasternack Enterprises, Inc.
CAGE #: 53919
Pasternack Part Number: PE36168LF-72


Similar Part No. - PE36168LF-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36168LF-12 PASTERNACK-PE36168LF-12 Datasheet
276Kb / 1P
   CABLE ASSEMBLY, PE-SR405FL, SMP FEMALE TO SMA MALE (LEAD FREE)
PE36168LF-24 PASTERNACK-PE36168LF-24 Datasheet
343Kb / 1P
   SMA Male to SMP Female Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE36168LF-24 PASTERNACK-PE36168LF-24 Datasheet
276Kb / 1P
   CABLE ASSEMBLY, PE-SR405FL, SMP FEMALE TO SMA MALE (LEAD FREE)
PE36168LF-36 PASTERNACK-PE36168LF-36 Datasheet
276Kb / 1P
   CABLE ASSEMBLY, PE-SR405FL, SMP FEMALE TO SMA MALE (LEAD FREE)
PE36168LF-48 PASTERNACK-PE36168LF-48 Datasheet
276Kb / 1P
   CABLE ASSEMBLY, PE-SR405FL, SMP FEMALE TO SMA MALE (LEAD FREE)
More results

Similar Description - PE36168LF-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE36168LF-24 PASTERNACK-PE36168LF-24 Datasheet
343Kb / 1P
   SMA Male to SMP Female Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE36162LF-72 PASTERNACK-PE36162LF-72 Datasheet
343Kb / 1P
   SMA Male to SMP Female Cable 72 Inch Length Using PE-047SR Coax, RoHS
PE36164LF-72 PASTERNACK-PE36164LF-72 Datasheet
343Kb / 1P
   SMA Male to SMP Female Cable 72 Inch Length Using PE-SR047FL Coax, RoHS
PE36168-36 PASTERNACK-PE36168-36 Datasheet
342Kb / 1P
   SMA Male to SMP Female Cable 36 Inch Length Using PE-SR405FL Coax
PE36168-60 PASTERNACK-PE36168-60 Datasheet
342Kb / 1P
   SMA Male to SMP Female Cable 60 Inch Length Using PE-SR405FL Coax
PE36166LF-72 PASTERNACK-PE36166LF-72 Datasheet
339Kb / 1P
   SMA Male to SMP Female Cable 72 Inch Length Using RG405 Coax, RoHS
PE36162LF-24 PASTERNACK-PE36162LF-24 Datasheet
343Kb / 1P
   SMA Male to SMP Female Cable 24 Inch Length Using PE-047SR Coax, RoHS
PE36162LF-48 PASTERNACK-PE36162LF-48 Datasheet
343Kb / 1P
   SMA Male to SMP Female Cable 48 Inch Length Using PE-047SR Coax, RoHS
PE36164LF-36 PASTERNACK-PE36164LF-36 Datasheet
343Kb / 1P
   SMA Male to SMP Female Cable 36 Inch Length Using PE-SR047FL Coax, RoHS
PE356-72 PASTERNACK-PE356-72 Datasheet
464Kb / 4P
   SMA Female to N Male Cable 72 Inch Length Using PE-P141 Coax, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com